Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5903 Datasheet(PDF) 9 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTP5903 Datasheet HTML 5Page - Linear Technology LTP5903 Datasheet HTML 6Page - Linear Technology LTP5903 Datasheet HTML 7Page - Linear Technology LTP5903 Datasheet HTML 8Page - Linear Technology LTP5903 Datasheet HTML 9Page - Linear Technology LTP5903 Datasheet HTML 10Page - Linear Technology LTP5903 Datasheet HTML 11Page - Linear Technology LTP5903 Datasheet HTML 12Page - Linear Technology LTP5903 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
LTP5903-WHR Datasheet
Dust Networks
9
7.1.1
10/100Base-T Ethernet Interface
Ideal for remote or high-bandwidth access, the Ethernet interface provides full configuration management and data access to
the LTP5903-WHR. The port connects to an IEEE 802.3 standard 10/100Base-T PHY, accessible through the board-to-board
J10 connector. An appropriate Ethernet design requires magnetics and an RJ-45 connector.
RX_P and RX_N are the receive-side differential pair (see section 8.2 for pinout). The Rx and Tx levels conform to
10/100Base-T Ethernet.
7.1.2
Serial 1 Interface
The Serial 1 interface is designed for embedded integration with controllers. This serial interface provides programmatic
access for configuration, management, and data access to the LTP5903-WHR. The port is a 5-pin LVTTL (3.3 V) serial
interface accessible through the board-to-board J10 connector.
Table 16 Serial 1 Parameters
Parameter
Value
Bit rate
115200
Parity
N
Data bits
8
Stop bit
1
Flow control
None
7.1.3
Serial 2 Interface
The LTP5903-WHR provides a UART interface with TX, RX, RTS, and CTS lines through the board-to-board J6 connector,
operating up to 115 kbps.
Table 17 Serial 2 Parameters
Parameter
Value
Bit rate
115200
Parity
N
Data bits
8
Stop bit
1
Flow control
None
7.1.4
LED Status Indicators
The LTP5903-WHR has LED status indicators on the top surface of the module, whose signals also pass through the board-
to-board J10 connector.
Table 18 LED Status Indicators
LED Name
Signal Name
Description
Color
Power
Indicates 3.3V DC-DC converter is okay, lights when 5 V supply is
connected
Green
RST
¯¯¯
nRESET_IN
Indicates the manager is in the reset state
Red
7.1.5
Restore Signal
The LTP5903-WHR supports the ability to restore its configuration settings to the Dust factory defaults. This feature is most
useful in non-embedded applications where the LTP5903-WHR configuration may be different per installation (for example,
a manager’s IP setting is forgotten and therefore unreachable). Note that while the restore feature may be used to recover a
previously “unreachable” manager, all customizations to the manager will be lost, including configuration, logs, OTAP
directory files, and persistent mote information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com