Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5903 Datasheet(PDF) 14 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTP5903 Datasheet HTML 10Page - Linear Technology LTP5903 Datasheet HTML 11Page - Linear Technology LTP5903 Datasheet HTML 12Page - Linear Technology LTP5903 Datasheet HTML 13Page - Linear Technology LTP5903 Datasheet HTML 14Page - Linear Technology LTP5903 Datasheet HTML 15Page - Linear Technology LTP5903 Datasheet HTML 16Page - Linear Technology LTP5903 Datasheet HTML 17Page - Linear Technology LTP5903 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
14
Dust Networks
LTP5903-WHR Datasheet
8.3
Recommended Mating Connectors
The user connections are made through J6 and J10 on the LTP5903-WHR, which are FCI/Berg 61083-042400LF board-to-
board connectors. The mating connector should be an FCI/Berg 61082-04x400LF, where ‘x’ depends on the desired stack
height (see Table 24).
Table 24 Recommended Mating Connectors
Connector
Mated Height (mm)
FCI/Berg 61082-041400LF
6
FCI/Berg 61082-042400LF
10
FCI/Berg 61082-043400LF
14
9.0
Mechanical Specifications
9.1
LTP5903-WHR Mechanical Drawings
In laying out a design, locate the mating connectors by using the alignment pins and correlating pin numbers for orientation
(see Figure 3).
Figure 4
Top and Side Views



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com