Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5903 Datasheet(PDF) 5 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 5 Page - Linear Technology

  LTP5903 Datasheet HTML 1Page - Linear Technology LTP5903 Datasheet HTML 2Page - Linear Technology LTP5903 Datasheet HTML 3Page - Linear Technology LTP5903 Datasheet HTML 4Page - Linear Technology LTP5903 Datasheet HTML 5Page - Linear Technology LTP5903 Datasheet HTML 6Page - Linear Technology LTP5903 Datasheet HTML 7Page - Linear Technology LTP5903 Datasheet HTML 8Page - Linear Technology LTP5903 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
LTP5903-WHR Datasheet
Dust Networks
5
3.1
LVTTL I/O DC Specifications
Table 3
LVTTL Type 1 Specifications
Parameter
Min
Typ
Max
Units
Comments
VIH (logical high input)
2.0
3.6
V
VIL (logical low input)
-0.3
0.8
V
IIN (input leakage)
60
µA
VOH (logical high output)
2.6
V
VOL (logical low output)
0.4
V
IOH (VO = VOH) (source)
8
mA
IOL (VO = VOL) (sink)
8
mA
Table 4
LVTTL Type 2 Specifications (Schmitt Trigger)
Parameter
Min
Typ
Max
Units
Comments
V + Threshold
1.3
2.5
V
V – Threshold
0.6
1.6
V
IIN (input leakage)
±5
µA
Table 5
LVTTL Type 3 Specifications
Parameter
Min
Typ
Max
Units
Comments
VOH
2.6
V
VOL
0.4
V
IOH
-12
mA
IOL
12
mA
Table 6
LVTTL Type 4 Specifications
Parameter
Min
Typ
Max
Units
Comments
VOH (logical high output)
2.6
+3V3
V
VOL (logical low output)
GND
0.4
V
IOH (VO = VOH) (source)
2
mA
IOL (VO = VOL) (sink)
2
mA
Table 7
LVTTL Type 5 Specifications
Parameter
Min
Typ
Max
Units
Comments
VIH (logical high input)
2.6
+3V3 + 0.3
V
VIL (logical low input)
GND – 0.3
GND + 0.8
V
IIN (input leakage)
±5
µA
3.2
LED Specifications
Table 8
LED Specifications
Parameter
Min
Typ
Max
Units
Comments
VOH (logical high output)
+3V3 – 0.3
+3V3
V
VOL (logical low output)
GND
GND + 0.4
V
IOH (VO = VOH) (source)
3
mA
+3V3 = 3.3 V
IOL (VO = VOL), I/O = LED (sink)
1.5
mA
+3V3 = 3.3 V
IOL (VO = VOH), I/O = LED low (sink)
0.5
mA
+3V3 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com