Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5903 Datasheet(PDF) 16 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTP5903 Datasheet HTML 11Page - Linear Technology LTP5903 Datasheet HTML 12Page - Linear Technology LTP5903 Datasheet HTML 13Page - Linear Technology LTP5903 Datasheet HTML 14Page - Linear Technology LTP5903 Datasheet HTML 15Page - Linear Technology LTP5903 Datasheet HTML 16Page - Linear Technology LTP5903 Datasheet HTML 17Page - Linear Technology LTP5903 Datasheet HTML 18Page - Linear Technology LTP5903 Datasheet HTML 19Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
16
Dust Networks
LTP5903-WHR Datasheet
4. An unintentional radiator scan must be performed on the device integrating the LTP5903-WHR Embedded Manager, per
FCC rules and regulations, CFR Title 47, Part 15, Subpart B. See FCC rules for specifics on requirements for declaration
of conformity.
10.1.2
FCC-approved Antenna
The following are FCC-approved antenna specifications for the LTP5903-WHR.
Table 25 FCC-approved Antenna Specifications for the LTP5903-WHR
Gain
Pattern
Polarization
Frequency
Connector
+2 dBi maximum
Omni-directional
Vertical
2.4–2.4835 GHz
MMCX
10.1.3
OEM Labeling Requirements
The Original Equipment Manufacturer (OEM) must ensure that FCC labeling requirements are met. The outside of the final
product enclosure must have a label with the following (or similar) text specifying the FCC identifier. The FCC ID and
certification code must be in Latin letters and Arabic numbers and visible without magnification.
Contains transmitter module FCC ID: SJC-M2140
or
Contains FCC ID: SJC-M2140
10.2
IC Compliance
10.2.1
IC Testing
The LTP5903-WHR is certified for modular Industry Canada (IC) RSS-210 approval. The OEM is responsible for its product
to comply with IC ICES-003 and FCC Part 15, Sub. B - Unintentional Radiators. The requirements of ICES-003 are
equivalent to FCC Part 15 Sub. B and Industry Canada accepts FCC test reports or CISPR 22 test reports for compliance with
ICES-003.
10.2.2
IC-approved Antennae
The LTP5903-WHR is designed to operate with antennas meeting the specifications shown in Table 26. Antennas not
meeting these specifications are strictly prohibited for use with the LTP5903-WHR. The required antenna impedance is 50
Ohms. Operation is subject to the following two conditions: (1) this device may not cause interference, and (2) this device
must accept any interference, including interference that may cause undesired operation of the device.
Table 26 IC-approved Antenna Specifications for the LTP5903-WHR
Gain
Pattern
Polarization
Frequency
Connector
+2 dBi maximum
Omni-directional
Vertical
2.4–2.4835 GHz
MMCX
The following are IC-approved antenna specifications for the LTP5903-WHR.
10.2.3
OEM Labeling Requirements
The Original Equipment Manufacturer (OEM) must ensure that IC labeling requirements are met. The outside of the final
product enclosure must have a label with the following (or similar) text specifying the IC identifier. The IC ID and
certification code must be in Latin letters and Arabic numbers and visible without magnification.
Contains IC: 5853A-M2140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com