Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5903 Datasheet(PDF) 8 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTP5903 Datasheet HTML 4Page - Linear Technology LTP5903 Datasheet HTML 5Page - Linear Technology LTP5903 Datasheet HTML 6Page - Linear Technology LTP5903 Datasheet HTML 7Page - Linear Technology LTP5903 Datasheet HTML 8Page - Linear Technology LTP5903 Datasheet HTML 9Page - Linear Technology LTP5903 Datasheet HTML 10Page - Linear Technology LTP5903 Datasheet HTML 11Page - Linear Technology LTP5903 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
8
Dust Networks
LTP5903-WHR Datasheet
6.0
SmartMesh WirelessHART Intelligent Networking
Platform
The SmartMesh WirelessHART LTP5903-WHR embedded network manager is built upon Dust Networks’ Intelligent
Networking Platform, which provides dynamic network optimization, deterministic power management, intelligent routing,
and bandwidth flexibility to achieve the carrier class data reliability, and ultra-low power and ease of use required for
industrial automation applications.
6.1
Dynamic Network Optimization
Dynamic network optimization allows the LTP5903-WHR to address the changing RF requirements in harsh industrial
environments resulting in a network that is continuously self-monitoring and self-adjusting. The LTP5903-WHR manager
performs dynamic network optimization based upon periodic reports on network health and link quality that it receives from
the network motes. The manager uses this information to provide performance statistics to the application layer and
proactively solve problems in the network. Dynamic network optimization not only maintains network health, but also allows
the LTP5903-WHR to deliver deterministic power management.
6.2
Deterministic Power Management
Deterministic power management balances traffic in the network by diverting traffic around heavily loaded motes (for
example, motes with high reporting rates). In doing so, it reduces power consumption for these motes and balances power
consumption across the network. Deterministic power management provides predictable maintenance schedules to prevent
down time and lower the cost of network ownership. When combined with field devices using Dust Network’s industry-
leading low power radio technology, deterministic power management enables over a decade of battery life for network
motes.
6.3
Intelligent Routing
Intelligent routing provides each packet with an optimal path through the network. The shortest distance between two points
is a straight line, but in RF the quickest path is not always the one with the fewest hops. Intelligent routing finds optimal
paths by considering the link quality (one path may lose more packets than another) and the retry schedule, in addition to the
number of hops. The result is reduced network power consumption, elimination of in-network collisions, and unmatched
network scalability and reliability.
6.4
Bandwidth Flexibility
Efficient use of network resources enables Dust Networks to deliver bandwidth flexibility—the ability to assign different
levels of bandwidth to satisfy unique throughput and latency requirements. Bandwidth flexibly addresses the range of latency
and throughput needs of industrial automation applications such as request/response, fast file transfer, and alerting.
7.0
Interfaces
The LTP5903-WHR is designed for ease of integration by providing multiple data ports and well-defined software APIs.
Section 7.1 describes the LTP5903-WHR data ports, LEDs, and switches Section 7.1.5 describes the software functions that
are available through the data ports.
7.1
Hardware Interfaces
Table 15 Hardware Interface Summary
Port
Description
Pins
Ethernet
10/100Base-T Ethernet
RX_P, TX_P, RX_N, TX_N, RX_CT, TX_CT, nACT_LED, nLINK_LED
Serial 1
UART 5-pin
S1_TX, S1_RX, GND
Serial 2
UART 9-pin
S2_TX, S2_RX, S2_RTS, S2_CTS, GND
LED Status Indicator
Status indicators
nLED_SUB, nLED_RADIO, nLED_JOIN, RST
¯¯¯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com