Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5903 Datasheet(PDF) 4 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 4 Page - Linear Technology

  LTP5903 Datasheet HTML 1Page - Linear Technology LTP5903 Datasheet HTML 2Page - Linear Technology LTP5903 Datasheet HTML 3Page - Linear Technology LTP5903 Datasheet HTML 4Page - Linear Technology LTP5903 Datasheet HTML 5Page - Linear Technology LTP5903 Datasheet HTML 6Page - Linear Technology LTP5903 Datasheet HTML 7Page - Linear Technology LTP5903 Datasheet HTML 8Page - Linear Technology LTP5903 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
4
Dust Networks
LTP5903-WHR Datasheet
1.0
Absolute Maximum Ratings
The absolute maximum ratings shown below should not be violated under any circumstances. Permanent damage to the
device may be caused by exceeding one or more of these parameters.
Table 1
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Units
Comments
Supply voltage (+5V_IN to GND)
–0.3
6
V
Input RF level
10
dBm
Input power at antenna
connector
Storage temperature range
–40
+85
°C
VSWR of antenna
3:1
ESD protection
Antenna connector
±8000
V
HBM
All other connectors
±2
kV
HBM
±200
V
CDM
All voltages are referenced to GND
Caution! ESD sensitive device. Precaution should be used when handling the device in order to prevent
permanent damage.
2.0
Normal Operating Conditions
Table 2
Normal Operating Conditions
Parameter
Min
Typ
Max
Units
Comments
Operational supply voltage range
(between +5V_IN and GND)
4.0
5.0
5.5
VDC
Including noise and load
regulation
Voltage supply noise
100
mVp-p
50 Hz–50 MHz
Peak current
350
mA
+3V3 out = 0 mA
Average current
150
mA
+5V_IN at 5.0 V, 25 °C,
+3V3 out = 0 mA
225
mA
+5V_IN at 5.0 V, 25 °C,
+3V3 out = 100 mA
Operating temperature range
–40
+85
°C
Maximum allowed temperature
ramp during operation
8
°C/min
–40 °C to +85 °C
Operating relative humidity
10
90
% RH
Non-condensing
The specifications listed are for the power supply connected to +5V_IN and GND, and apply over the operating
temperature range unless otherwise specified.
3.0
Electrical Specifications
I/O specifications are given below for each I/O level type given in the board-to-board connector tables in sections 7.1 and 8.2. Unless
otherwise noted, +5V_IN is 5.0 V and temperature is –40 °C to +85 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com