Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5903 Datasheet(PDF) 13 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTP5903 Datasheet HTML 9Page - Linear Technology LTP5903 Datasheet HTML 10Page - Linear Technology LTP5903 Datasheet HTML 11Page - Linear Technology LTP5903 Datasheet HTML 12Page - Linear Technology LTP5903 Datasheet HTML 13Page - Linear Technology LTP5903 Datasheet HTML 14Page - Linear Technology LTP5903 Datasheet HTML 15Page - Linear Technology LTP5903 Datasheet HTML 16Page - Linear Technology LTP5903 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
LTP5903-WHR Datasheet
Dust Networks
13
Table 23 J6 Board-to-board Connector
Pin
Number
Pin Name
I/O Direction
I/O Level
Interface Name
1
GND
2
GND
3
Reserved
Do not connect
4
S2_TX
Out
LVTTL Type 1
Serial 2
5
Reserved
Do not connect
6
S2_RX
In
LVTTL Type 1
Serial 2
7
Reserved
Do not connect
8
S2_RTS
Out
LVTTL Type 1
Serial 2
9
Reserved
Do not connect
10
S2_CTS
In
LVTTL Type 1
Serial 2
11
Reserved
Do not connect
12
Reserved
Do not connect
13
Reserved
Do not connect
14
Reserved
Do not connect
15
GND
16
Reserved
Do not connect
17
Reserved
Do not connect
18
Reserved
Do not connect
19
Reserved
Do not connect
20
+3V3
Out
3.3 V ± 5%
3.3 V Out
21
+3V3
Out
3.3 V ± 5%
3.3 V Out
22
nRESET_OUT
Out
LVTTL Type 4
Reset low out
23
Reserved
Do not connect
24
GND
25
Reserved
Do not connect
26
RESET_OUT
Out
LVTTL Type 4
Reset high out
27
Reserved
Do not connect
28
nRESET_IN
In
LVTTL Type 5
Reset low in
29
Reserved
Do not connect
30
Reserved
Do not connect
31
Reserved
Do not connect
32
+5V_IN
In
5.0 V ± 5%
Power In
33
Reserved
Do not connect
34
+5V_IN
In
5.0 V ± 5%
Power In
35
GND
36
+5V_IN
In
5.0 V ± 5%
Power In
37
nLED_RADIO
Out
LED
LED status indicators
38
Reserved
Do not connect
39
GND
40
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com