Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5903 Datasheet(PDF) 6 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTP5903 Datasheet HTML 2Page - Linear Technology LTP5903 Datasheet HTML 3Page - Linear Technology LTP5903 Datasheet HTML 4Page - Linear Technology LTP5903 Datasheet HTML 5Page - Linear Technology LTP5903 Datasheet HTML 6Page - Linear Technology LTP5903 Datasheet HTML 7Page - Linear Technology LTP5903 Datasheet HTML 8Page - Linear Technology LTP5903 Datasheet HTML 9Page - Linear Technology LTP5903 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
6
Dust Networks
LTP5903-WHR Datasheet
3.3
3.3 V Output Supply
The LTP5903-WHR includes a regulated 3.3 V output signal (labeled +3V3) for supplying power to user circuitry (for
example, isolation or signal conditioning). Note that any power drawn on +3V3 circuitry results in an increase in power
drawn on +5V_IN.
Table 10 +3.3 V Power Supply Output
Parameter
Min
Typ
Max
Units
Comments
+3V3 current source
100
mA
+3V3 supply voltage
3.13
3.46
V
3.4
Device Load
Table 11 Device Load
Parameter
Min
Typ
Max
Units
Comments
Total capacitance
290
µF
Total inductance
8
µH
3.5
AC Timing Specifications
Table 12 AC Timing Specifications
Parameter
Min
Typ
Max
Units
Comments
nRESET_IN pulse width
125
µs
4.0
Real-time Clock
The LTP5903-WHR has a battery-backed real-time clock (RTC) with a typical lifetime of 5-7 years (lifetime up to 15 years if
the manager is normally powered), assuming the manager is operating at 60 °C average ambient temperature and at 10% duty
cycle. Upon bootup, the RTC initializes the software system clock that handles timekeeping while the system is operating.
The software system clock is the reference for UTC time values readable through the software APIs, command line interface
(CLI) and Admin Toolset Web interface, as well as the UTC time values visible in manager log files. The system clock may
be set manually using the Admin Toolset Web interface, or through the Linux command shell. The accuracy of the software
system clock is typically 1 min/month at 25°C, though may vary as much as 10 min/month at temperature extremes. To
support applications less tolerant of such drift, the LTP5903-WHR software includes an NTP client to periodically
synchronize software system time to an outside source. The NTP client is configurable using the Admin Toolset Web
interface, or through the Linux command shell.
5.0
Radio
5.1
Detailed Radio Specifications
Table 13 Radio Specifications
Parameter
Min
Typ
Max
Units
Comments
Operating frequency
2.4000
2.4835
GHz
Number of channels
15
Channel separation
5
MHz
Occupied channel bandwidth
2.7
MHz
At –20 dBc
Frequency accuracy
-40
+40
ppm
Modulation
IEEE 802.15.4 DSSS
Raw data rate
250
Kbps
Receiver operating input level
0
dBm
Receiver sensitivity
–92.5
dBm
At 50% PER, VDD = 3 V,
25 °C
–90
dBm
At 1% PER, VDD = 3 V,
25 °C, (inferred by 50% PER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com