Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3492 Datasheet(PDF) 32 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 32 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 28Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 29Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 30Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 31Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 32Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 33Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 34Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 35Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 36Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
32
PARAMETRICS
Test Conditions:
Vcc = +5V± 10%, Vss = 0, RL(PULL-UP) = 1.6K
Ω, RL(PULL-DOWN) = 5KΩ, CL = 20 pf (Including Test Jig)}
TRANSMIT (NON MODE)
(See Figure 6)
SYMBOL
LIMITS
MIN
MAX
UNITS
TRESP
10.5
11.75
µs
PW1
275
550
ns
PW2
475
525
ns
TD1
6.5
7.0
µs
TD2
18.5
19
µs
TRANSMIT COMMAND SERVICE (NON
MODE) (See Figure 12)
SYMBOL
LIMITS
MIN
MAX
UNITS
PW1
1.4
1.6
µs
TD1
6.7
6.9
µs
TD2
10
75
ns
TD3
225
275
ns
TD4
1.7
1.8
µs
TD5
700
800
ns
RECEIVE (NON MODE)
(See Figure 5)
SYMBOL
LIMITS
MIN
MAX
UNITS
TRESP
9.0
10
µs
PW1
875
1325
ns
TD1
3.65
3.95
µs
TD2
2.8
3.5
µs
RECEIVE COMMAND (NON MODE)
SERVICE (See Figure 13)
SYMBOL
LIMITS
MIN
MAX
UNITS
PW1
400
600
ns
TD1
700
800
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com