Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3492 Datasheet(PDF) 48 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 48 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 41Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 42Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 43Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 44Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 45Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 46Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 47Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 48Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 49Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
48
Ceramic CoFired PGA Package Outline
Pin A1 & ESD
Designator
.100
TYP
.065 DIA TYP
.065 SQ
.040 REF 45°
.900
1
2
3
4
5
6
7
8
9
10
ABCD
E
F
G
H
J
K
1.060 SQ
±.015
CHAMFER BRAZE RING
.020 REF 45°
CHAMFER 4X
.050
4X
.050
±.005
.018
±.002
.160
MAX
.180
±.010
Standoffs
Pins B2, J2, B9 & J9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com