Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3492 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT3492 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
2
Electrical Performance Characteristics
Absolute Maximum Ratings
Parameter
Min
Max
Units
VCC
-0.3
7.0
V
Input or Output Voltage at any Pin
-0.3
VCC + 0.3V
V
Storage Case Temperature
-65
+150
°C
Load Temperature (Soldering 10 Sec)
+300
°C
Digital Protocol Logic Characteristics (Over Full Temperature Range)
Parameter
Test Conditions
Min
Typ
Max
Unit
Notes
VCC (Logic)
4.5
5.0
5.5
V
VIH
Vcc = 5.0V
2.2
V
VIL
Vcc = 5.0V
0.7
V
VOH High Level Output Voltage
Vcc = 4.5V
2.4
V
1A
VOL Low Level Output Voltage
Vcc = 4.5V
0.4
V
1A
IIH High Level Input Current
Vcc = 5.5V,
VIN = 2.7V
-200
-25
-700
-400
µA
µA
2A
3A
IL Low Level Input Current
Vcc = 5.5V,
VIN = 0.4V
-400
-25
-900
-400
µA
µA
2A
3A
ICC (Logic)
Vcc = 5.5V
20
mA
4A
Notes:
1A/IOL = 3mA maximum, IOH = -2 mA maximum for all outputs and bidirectionals.
2A/ RTAD 0, 1, 2, 3, 4 and RTADPAR only.
3A/ All inputs and bidirectionals other than those in note 2.
4A/ Input clock (running) = 6Mhz, All remaining Inputs are Open and All Outputs and Bidirectionals have no
load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com