Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3492 Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 11Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 12Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 13Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 14Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 15Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 16Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
12
Pin Description
Signal
Direction
Pin
Signal Description
RTAD 0-4
INPUT
K6,K5
J5,H5
F4
RT address lines - These should be hardwired by the user.
RTAD4 is the most significant bit.
RTADPAR
INPUT
J6
RT address parity line - This must be hardwired by the user to
give odd parity.
BIT DECODE
INPUT
J4
Bitword Decode - When held low, prevents resetting TXTO Bit,
HSFAIL Bit, and LTFAIL Bit in the BIT Word (as well as TF and
SSF Bits in the Status Word) upon receipt of a Transmit Bit
Word Mode Command.
BCSTEN 1
INPUT
F5
Broadcast command enable Bus 1 - When low the
recognition of broadcast command is prevented on Bus 1.
BCSTEN 0
INPUT
G5
Broadcast command enable Bus 0 - When low the
recognition of broadcast command is prevented on Bus 0.
6MCK (Clock)
INPUT
E4
6 Megahertz master clock.
IH 08 (LSB)
IH 19
IH 210
IH 311
IH 412
IH 513
IH614
IH715 (MSB)
BIDIR
E9
D6
D7
A9
D8
B9
D9
C9
Internal Highway - Bi-directional 8 bit highway on which 16 bit
words are passed in two bytes. IH 715 is the most significant bit
of each byte, the most significant byte being transferred first.
The highway should only be driven by the subsystem when data
is to be transferred to the RT.
DTRQ
OUTPUT
K10
Data Transfer Request - Goes low to request a data transfer
between the ASIC and subsystem. Goes high at the end of the
transfer.
DTAK
INPUT
F6
Data Transfer Acknowledge - Goes low to indicate that the
subsystem is ready for the data transfer.
IUSTB
OUTPUT
G6
Interface Unit Strobe - This is a double pulse strobe used to
transfer the two bytes of data
H/L
OUTPUT
J9
High/Low - Indicates which byte of data is on the internal
highway. Logic level "0" for least significant byte.
GBR
OUTPUT
J7
Good Block Received - Pulses low for 500ns when a block of
data has been received by the ASIC and has passed all the
validity and error checks.
NBGT
OUTPUT
G9
New Bus Grant - Pulses low whenever a new command is
accepted by the ASIC.
MEREQ
INPUT
E8
Message Error Request - Positive-going edge will cause
Message Error Bit in Status Word to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com