Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3492 Datasheet(PDF) 16 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 16 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 12Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 13Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 14Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 15Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 16Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 17Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 18Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 19Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 20Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
16
MANER
OUTPUT
E3
Manchester Error - This line will pulse low if a Manchester
error is detected by the decoder.
DBCREQ
OUTPUT
C5
Dynamic Bus Control Request - This line will pulse low when
the status reply for a mode code Dynamic Bus Control has
finished where the accept bit was set.
VALD
OUTPUT
C2
Valid Data - This line will pulse low when a valid data word is
received.
DRVINH
INPUT
H3
Driver Inhibit - Selects on-line or off-line testing during
automated self test. When high self test is on-line. Must be high
when LTEN is high.
LTEN
INPUT
A7
Loop Test Enable - Enables automated self-test when low.
Normally high.
LTTRIG
INPUT
A8
Loop Test Trigger - When pulsed low while LTEN is low
automated self-test is initiated. LTEN pulse width should be
100ns < PW < 5µs.
TX/RX A1
TX/RX A2
BIDIR
B2
B1
Bus A Transmit/Receive - HIGH output to the primary side of
the coupling transformer that connects to the A Channel of the
1553 Bus.
TX/RX A1
TX/RX A2
BIDIR
D2
D1
Bus A Transmit/Receive - LOW output to the primary side of
the coupling transformer that connects to the A Channel of the
1553 Bus.
TX/RX B1
TX/RX B2
BIDIR
G1
G2
Bus B Transmit/Receive - HIGH output to the primary side of
the coupling transformer that connects to the B Channel of the
1553 Bus.
TX/RX B1
TX/RX B2
BIDIR
J1
J2
Bus B Transmit/Receive - LOW output to the primary side of
the coupling transformer that connects to the B Channel of the
1553 Bus.
+5VAA
+5VAB
POWER
E1
A2
+5V Input Power Supply connection for the A Channel
Tranceiver
+5VBA
+5VBB
POWER
K2
F1
+5V Input Power Supply connection for the B Channel
Tranceiver
+5VLogic
POWER
E10
+5V Input Power Supply connection for the Digital Protocol
section.
GND A
POWER
C1
Power Supply return for the A Channel Tranceiver.
GND B
POWER
H1
Power Supply return for the B Channel Tranceiver.
DIGGND 1
DIGGND 2
POWER
F9
F10
Power Supply return for the Digital Protocol section.
CASE
Connected to DIGGND1 and DIGGND2
Pin Description (Cont.)
Signal
Direction
Pin
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com