Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3492 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 11Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 12Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 13Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 14Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 15Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 16Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
13
TX/RX
OUTPUT
H10
Transmit/Receive - The state of this line informs the subsystem
whether it is to transmit or receive data. The signal is valid while
INCMD is low.
INCMD
OUTPUT
K9
In Command - Goes low when the RT is servicing a valid
command. The subaddress and word count lines are valid while
the signal is low.
WC0-WC4
OUTPUT
B7,C8
A6,B6
A4
Word Count - These five lines specify the requested number of
data words to be received or transmitted. Valid when INCMD is
low.
SA0-SA4
OUTPUT
J10,K8
H7,K3
H2
Sub Address - These five lines are a label for the data being
transferred. Valid when INCMD is low.
CWC0-CWC4
OUTPUT
H4,H8
K4,J8
K1
Current Word Count - These five lines define which data word
in the message is currently being transferred.
SYNC
OUTPUT
G7
Synchronize - Goes low when a synchronize mode code is
being serviced.
VECTEN/DWEN
OUTPUT
G8
Vector Word Enable/DataWord Enable - In the RT mode, this
signal is provided to enable the contents of the vector word latch
(which is situated in the subsystem) onto the ASIC’s internal
highway. This signal, when in the Bus Controller mode, is used
to enable mode code data from the subsystem onto the internal
highway.
RESET
OUTPUT
C4
Reset - This line pulses low for 500ns on completion of the ser-
vicing of a valid and legal mode command to reset remote ter-
minal.
SSERR
INPUT
A5
Subsystem Error - By taking this line low, the subsystem can
set the Subsystem Flag in the Status Word.
BUSY
INPUT
C7
Busy - This signal should be driven low if the subsystem is not
ready to perform a data transfer to or from the ASIC.
SERVREQ
INPUT
A3
Service Request - This signal should be driven low to request
an asynchronous transfer and left low until the transfer has
taken place.
INCLK
OUTPUT
G10
Internal Clock (2 MHz) - This is made available for
synchronization use by the subsystem if required. However,
many of the outputs to the subsystem are asynchronous.
EOT
OUTPUT
H9
End of Transmission - Goes low if a valid sync plus two data
bits do not appear in time to be contiguous with preceding word.
RTADER
OUTPUT
A1
Remote Terminal Address Error - This line goes low if an error
is detected in the RT address parity of the selected receiver.
Any receiver detecting an error in the RT address will turn itself
off.
Pin Description (Cont.)
Signal
Direction
Pin
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com