Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3492 Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 11Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 12Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 13Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 14Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 15Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 16Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 17Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 18Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 19Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
15
PASMON
INPUT
F8
Passive Monitor - When functioning as a Bus Controller this
line acts as a passive monitor select. The active going edge of
this line will cause the REQBUS lines to be latched and that
bus, now selected will be monitored so long as PASMON
remains low. All traffic on the bus will be handed, after
validation, to the subsystem via STATSTB for status and
commands words, and RMDSTB for data words.
BCOPSTB
INPUT
F7
Bus Controller Operation Strobe - When functioning as a Bus
Controller a low going pulse on this line will initiate the selected
bus controller operation on the requested bus, using BCOPA&B
and REQBUSA&B.
BCOPA
INPUT
B10
Bus Control Operation A - Least significant bit of the bus
controller operation select lines.
BCOPB
INPUT
C10
Bus Control Operation B - Most significant bit of the bus
controller operation select lines.
REQBUS A
BIDIR
E5
Request Bus A - This line, when in RT mode, is the least
significant bit of the bus request lines which specify the origin of
the command, i.e. they are sources. When in BC mode these
lines are sinks and specify which bus is to be used for the next
command.
REQBUS B
BIDIR
H6
Request Bus B - Most significant bit of the bus request lines.
(See above for description.)
RT/BC
INPUT
B4
Remote Terminal/Bus Control - This line when high causes
the ASIC to function as a remote terminal. When low the ASIC
functions as a bus controller or passive monitor.
DBCACC
INPUT
B3
Dynamic Bus Control Accept - This line should be
permanently tied low if a subsystem is able to accept control of
the bus if offered.
LTFAIL
OUTPUT
E2
Loop Test Fail - This line goes low if any error in the transmitted
waveform is detected or if any parity error in the hardwired RT
address is detected.
ERROR
OUTPUT
F2
Error - This line latches low if a Manchester or parity error is
detected. It is reset by the next CMSYNC (RT mode) and also
by RTO in the BC mode.
RTO
OUTPUT
F3
Reply Time Out - This signal will pulse low whenever the reply
time for a transmitting terminal has been exceeded. This line is
intended for the bus controller use.
TXTO
OUTPUT
C3
Transmitter Time Out - This line latches low if the transmitter
time out limits are exceeded.
PARER
OUTPUT
D3
Parity Error - This line will pulse low if a parity error is detected
by the decoder.
Pin Description (Cont.)
Signal
Direction
Pin
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com