Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3492 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT3492 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD3492 REV B 6/26/01
Features
• Dual Low Power Monolithic Bus Tranceivers
• Performs the Complete Dual-Redundant Remote Terminal, Bus Controller Protocol
and Passive Monitor Functions of MIL-STD-1553B
• Automated Self-Test Functions
• Allows Setting of the Message Error Bit on Illegal Commands
• Provides programmable control over Terminal Flag and Subsystem Flag Status Bits
• MIL-PRF-38534 Compliant Circuits Available
• 250 mw Typical Power Consumption
• Small Size
• Available in Ceramic Plug-in Package Configuration
• 5V DC Operation
• Full Military (-55°C to +125°C) Temperature Range
• DESC SMD# Pending
1
General Description
The ACT3492 Series is a monolithic implementation of the MIL-STD-1553B Bus Controller, Remote
Terminal and Passive Monitor functions including dual low power Bus tranceivers. All protocol functions
of MIL-STD-1553B are incorporated and a number of options are included to improve flexibility. These
features include programming of the status word, illegalizing specific commands and an independent loop
back self-test which is initiated by the subsystem. This unit is directly compatible with all microprocessor
interfaces such as the CT1611 and CT1800 produced by Aeroflex Incorporated.
Encoder
Decoder
"O"
Decoder
"1"
Driver
Select
&
Enable
BUS "0"
BUS "1"
T/R
Hybrid
T/R
Hybrid
Internal
Highway
Control
Interface
Unit
Program
Sub Address
&
Word Count
Outputs
Discrete
Outputs
Control
Inputs
Terminal
Address
Inputs
Block Diagram (With Transformers)
ACT3492
MIL-STD-1553B Remote Terminal, BUS Controller,
or Passive Monitor Hybrid with Status Word Control
ACT3492 Series
Inputs
Status
Word
Control
CIRCUIT TECHNOLOGY
www.aeroflex.com
ASIC
ASIC
ASIC
Dual Low Power Monolithic BUS Tranceivers


Similar Part No. - ACT3492

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT30 ACTIVE-SEMI-ACT30 Datasheet
265Kb / 10P
High Performance Off-Line Controller ActiveSwitcher??IC Family
Rev 5, 05-Jun-09
logo
Advanced Crystal Techno...
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
logo
Concordia Technologies ...
ACT300X4.8 CONCORDIATECHNOLOGIES-ACT300X4.8 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
ACT300X7.6 CONCORDIATECHNOLOGIES-ACT300X7.6 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Advanced Crystal Techno...
ACT303K ACT-ACT303K Datasheet
59Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
More results

Similar Description - ACT3492

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
logo
List of Unclassifed Man...
UT1553B ETC1-UT1553B Datasheet
1Mb / 52P
BCRT Bus Controller/Remote Terminal/Monitor
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
Data Bus (MIL-STD-1553B) Components
Revised 12-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com