Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3492 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT3492 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
3
Absolute Maximum Ratings (Analog Tranceiver)
Parameter
Min
Max
Units
VCC
-0.3
7.0
V
Receiver Differential Voltage
10 Vp-p
V
Receiver Common-Mode Voltage
-5.0
+5.0
Vdc
Driver Peak Output Current
800
mA
Analog Transceiver Recommended Operating Conditions
Parameter
Min
Max
Unit
Notes
VCC (Logic)
4.75
5.5
V
Receiver Differential Voltage (See Point A Figure 4)
4.0
Vp-p
Receiver Common-Mode Voltage (See Figure 4)
-1.75
+5
Vdc
Driver Peak Output Current
700
mA
Serial Data Rate
1.0
MHz
Case operating temperature
-55
+125
°C
Analog Transceiver Characteristics (Over Full Temperature Range)
Parameter
Min
Max
Unit
Notes
Differential Input Level
-8
+8
Vp-p
1,3
Input Common-Mode Voltage
-1.75
+5
V
1,3
Threshold Voltage
0.6
1.1
V
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com