Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3492 Datasheet(PDF) 43 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 43 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 39Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 40Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 41Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 42Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 43Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 44Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 45Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 46Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 47Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
43
FIRST OR ONLY
BCOPSTB
SECOND
BCOPSTB
TRANSFER TYPE
BCOP-B
BCOP-A
BCOP-B
BCOP-A
Normal Data (BC to RT / RT to BC)
0
0
N/A
N/A
RT to RT
0100
Mode Codes (No Data)
[T/R = 0]
00h Dynamic Bus Control
01h Synchronize (No DATA)
02h Transmit Status
03h Initiate Self Test
04h Transmitter Shutdown
05h Override TX Shutdown
06h Inhibit TF Flag
07h Override Inhibit TF Flag
08h Reset Remote Terminal
01
N/A
N/A
Mode Codes (Data RT to BC)
[T/R = 1]
10h Transmit Vector Word
12h Transmit Last Command
13h Transmit Bit Word
0111
Mode Codes (Data BC to RT)
[T/R = 0]
11h Synchronize (With DATA)
14h Selected TX Shutdown
15h Override Selected TX Shutdown
0110
Table 1 – BCOP Sequences
BCOP-A,BCOP-B
BCOPSTB
VALID
VALID
Second
First
t4
t3
t1
t2
t1
t3
t4
REQBUS-A,REQBUS-B
250nS <
t1 < 5µS
7µS <
t2 < 17µS
t3 < 500nS
t4 > 1.5µS
Limits:
Figure 28 – BCOP Sequence Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com