Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9090ECS/R Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM9090ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090ECS/R Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM9090ECS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
WM9090
Production Data
w
PD, November 2010, Rev 4.1
34
CONTROL INTERFACE
The WM9090 is controlled by writing to registers through a 2-wire serial control interface. Readback
is available for all registers, including Chip ID and power management status.
The WM9090 is a slave device on the control interface; SCLK is a clock input, while SDA is a bi-
directional data pin. To allow arbitration of multiple slaves (and/or multiple masters) on the same
interface, the WM9090 transmits logic 1 by tri-stating the SDA pin, rather than pulling it high. An
external pull-up resistor is required to pull the SDA line high so that the logic 1 can be recognised by
the master. Note that the control interface can support I/O levels up to 2.7V.
In order to allow many devices to share a single 2-wire control bus, every device on the bus has a
unique 8-bit device ID (this is not the same as the 8-bit address of each register in the WM9090).
The WM9090 device ID is 1101_1100 (DCh). The LSB of the device ID is the Read/Write bit; this bit
is set to logic 1 for “Read” and logic 0 for “Write”.
The WM9090 operates as a slave device only. The controller indicates the start of data transfer with
a high to low transition on SDA while SCLK remains high. This indicates that a device ID, register
address and data will follow. The WM9090 responds to the start condition and shifts in the next eight
bits on SDA (8-bit device ID including Read/Write bit, MSB first). If the device ID received matches
the device ID of the WM9090, then the WM9090 responds by pulling SDA low on the next clock
pulse (ACK). If the device ID is not recognised or the R/W bit is ‘1’ when operating in write only
mode, the WM9090 returns to the idle condition and waits for a new start condition and valid
address.
If the device ID matches the device ID of the WM9090, the data transfer continues as described
below. The controller indicates the end of data transfer with a low to high transition on SDA while
SCLK remains high. After receiving a complete address and data sequence the WM9090 returns to
the idle state and waits for another start condition. If a start or stop condition is detected out of
sequence at any point during data transfer (i.e. SDA changes while SCLK is high), the device returns
to the idle condition.
The WM9090 supports the following read and write operations:
Single write
Single read
Multiple write using auto-increment
Multiple read using auto-increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com