Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9090ECS/R Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM9090ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090ECS/R Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM9090ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
WM9090
Production Data
w
PD, November 2010, Rev 4.1
46
Secondly, initiate the sequence by performing the following set of register writes.
REGISTER
ADDRESS
DATA
DESCRIPTION
R1 (01h)
Power Management (1)
0x000B
OSC_ENA=1, VMID_RES=01,
BIAS_ENA=1
R2 (02h)
Power Management (2)
0x60C0
Enable input PGAs
R22 (16h)
IN1 Line Control
0x0000
IN1+/- to s/e mode and disable input
clamp
R24 (18h)
IN1 Line Input A Volume
0x0100
IN1A Volume=-6dB and update
R25 (19h)
IN1 Line Input B Volume
0x0100
IN1B Volume=-6dB and update
R70 (46h)
Write Sequencer 0
0x0100
Write Sequencer enable
R71 (47h)
Write Sequencer 0
0x0100
WSEQ_START=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com