Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9090ECS/R Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM9090ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090ECS/R Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM9090ECS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 81 page
background image
WM9090
Production Data
w
PD, November 2010, Rev 4.1
58
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R0 (00h)
Software
Reset
15:0
SW_RESET
[15:0]
Writing to this register causes a Software Reset.
Register 00h Software Reset
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1 (01h)
Power
Managemen
t (1)
12
SPKOUTL_EN
A
0
Speaker Output Enable
0 = Disabled
1 = Enabled
9
HPOUT1L_EN
A
0
Headphone Output (HPOUTL) input stage enable
0 = Disabled
1 = Enabled
For pop-free operation, this bit should be set as the first
stage of the HPOUTL Enable sequence.
8
HPOUT1R_EN
A
0
Headphone Output (HPOUTR) input stage enable
0 = Disabled
1 = Enabled
For pop-free operation, this bit should be set as the first
stage of the HPOUTR Enable sequence.
3
OSC_ENA
0
CLK_SYS Oscillator Enable
0 = Disabled
1 = Enabled
2:1
VMID_RES
[1:0]
11
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 50k divider (for normal operation)
10 = 2 x 250k divider (for low power standby)
11 = 2 x 5k divider (for fast start-up)
0
BIAS_ENA
0
Enables the Normal bias current generator (for all
analogue functions)
0 = Disabled
1 = Enabled
Register 01h Power Management (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R2 (02h)
Power
Managemen
t (2)
15
TSHUT
0
Thermal shutdown status
0 = Normal temperature
1 = Over temperature
14
TSHUT_ENA
1
Thermal sensor enable
0 = Disabled
1 = Enabled
13
TSHUT_OPDIS
1
Thermal shutdown control
(Causes audio outputs to be disabled if an
overtemperature occurs. The thermal sensor must also
be enabled.)
0 = Disabled
1 = Enabled
7
IN1A_ENA
0
IN1A Input PGA Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com