Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9090ECS/R Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM9090ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090ECS/R Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM9090ECS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
Production Data
WM9090
w
PD, November 2010, Rev 4.1
7
ELECTRICAL CHARACTERISTICS
Test Conditions
SPKVDD = 3.6V, AVDD=1.8V, GND=0V, TA = +25
oC, 1kHz signal, PGA gain = 0dB unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Pins
Maximum Full-Scale input signal
level - IN1P/N and IN2P/N
Single-ended input
1.0
Vrms
Differential input
1.0
Input Resistance
Differential or Single- Ended Mode
8
10
15
k
Ω
Input Programmable Gain Amplifiers (PGAs) IN1A, IN1B, IN2A and IN2B
Minimum Programmable Gain
-6
dB
Maximum Programmable Gain
+18
dB
Mute Attenuation
80
dB
Common Mode Rejection Ratio
Differential Mode (217Hz input)
45
dB
Output Programmable Gain Amplifiers (PGAs) SPKVOL, HPOUT1LVOL and HPOUT1RVOL
Minimum Programmable Gain
-57
dB
Maximum Programmable Gain
+6
dB
Programmable Gain Step Size
1
dB
Mute Attenuation
HPOUT1LVOL and HPOUT1RVOL
75
dB
SPKVOL
66
dB
Speaker Output Programmable Gain SPKOUTLBOOST
Programmable Gain
SPKOUTLBOOST=111
11.5
12
12.5
dB
SPKOUTLBOOST=110
8.5
9
9.5
SPKOUTLBOOST=101
7
7.5
8
SPKOUTLBOOST=100
5.5
6
6.5
SPKOUTLBOOST=011
4
4.5
5
SPKOUTLBOOST=010
2.5
3
3.5
SPKOUTLBOOST=001
1
1.5
2
SPKOUTLBOOST=000
-0.75
0
0.75
Headphone Driver Audio Performance (RL = 16
Ω)
SNR (A-weighted)
Path from IN1P/N or IN2P/N
90
96
dB
THD (PO=20mW)
-82
dB
THD+N (PO=20mW)
-80
-72
dB
THD (PO=5mW)
-81
dB
THD+N (PO=5mW)
-79
dB
Crosstalk (L/R)
72
dB
PSRR
AVDD with 100mVpk-pk at 217Hz (Note 1)
82
dB
SPKVDD with 100mVpk-pk at 217Hz
85
DC Offset
Magnitude after DC Servo calibration
0.3
2
mV
Output Power
0.1% THD+N
31
mW
1% THD+N
34
Minimum Headphone Resistance
Normal operation
15
Ω
Device survival with load indefinitely applied
1
Ω
Headphone Capacitance
2
nF
Quiescent Current
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com