Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9090ECS/R Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM9090ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090ECS/R Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM9090ECS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
Production Data
WM9090
w
PD, November 2010, Rev 4.1
31
ANALOGUE OUTPUTS
The speaker, headphone and earpiece outputs are highly configurable and may be used in many
different ways.
SPEAKER OUTPUT CONFIGURATIONS
The Class D speaker output is driven by the speaker mixer, SPKMIX. The speaker output operates in
a BTL configuration. Fine volume control is available using the Speaker Output PGA; a boost
function is also available. See the “Output Signal Path” section for more information on the speaker
mixing options.
Eight levels of signal boost are provided in order to deliver maximum output power for many
commonly-used SPKVDD/AVDD combinations. The boost level from 0dB to +12dB is selected using
the SPKOUTL_BOOST register field. To prevent pop noise, the SPKOUTL_BOOST register should
not be modified while the speaker output is enabled. Figure 4 illustrates the speaker output and the
mixing and gain/boost options available.
Ultra-low leakage and high PSRR allow the speaker supply SPKVDD to be directly connected to a
lithium battery. Note that an appropriate SPKVDD supply voltage must be provided to prevent
waveform clipping when speaker boost is used.
DC gain is applied automatically to adjust the signal from VMID to SPKVDD/2. This provides
optimum signal swing for maximum output power.
Figure 4 Speaker Output Configuration and Boost Operation
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R37 (25h)
ClassD3
5:3
SPKOUTL_BOOST
[2:0]
000
(1.0x)
Speaker Output Gain Boost
000 = 1.00x boost (+0dB)
001 = 1.19x boost (+1.5dB)
010 = 1.41x boost (+3.0dB)
011 = 1.68x boost (+4.5dB)
100 = 2.00x boost (+6.0dB)
101 = 2.37x boost (+7.5dB)
110 = 2.81x boost (+9.0dB)
111 = 3.98x boost (+12.0dB)
Table 15 Speaker Boost Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com