Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9090ECS/R Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM9090ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090ECS/R Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM9090ECS/R Datasheet HTML 71Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 72Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 73Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 74Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 75Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
Production Data
WM9090
w
PD, November 2010, Rev 4.1
75
AUDIO INPUT PATHS
The WM9090 provides 4 analogue audio inputs. Each of these inputs is referenced to the internal DC
reference, VMID. A DC blocking capacitor is required for each input pin used in the target application.
The choice of capacitor is determined by the filter that is formed between that capacitor and the input
impedance of the input pin. The circuit is illustrated in Figure 17.
Figure 17 Audio Input Path DC Blocking Capacitor
If the input impedance is known, and the cut-off frequency is known, then the minimum capacitor
value may be derived easily. However, it can be seen from the representation in Figure 17 that the
input impedance is not fixed in all applications but can vary with gain and boost amplifier settings.
The choice of capacitor for a 20Hz cut-off frequency is shown in Table 35 for different input
impedance conditions. The applicable input impedance can be found in the “Electrical
Characteristics” section of this datasheet.
INPUT IMPEDANCE
MINIMUM CAPACITANCE
FOR 20HZ PASS BAND
2k
Ω
4
μF
15k
Ω
0.5
μF
30k
Ω
0.27
μF
60k
Ω
0.13
μF
Table 35 Audio Input DC Blocking Capacitors
Using the figures in Table 35, it follows that a 1
μF capacitance for all input connections will give good
results in most cases. Tantalum electrolytic capacitors are particularly suitable as they offer high
stability in a small package size.
Ceramic equivalents are a cost effective alternative to the superior tantalum packages, but care must
be taken to ensure the desired capacitance is maintained at the AVDD operating voltage. Also,
ceramic capacitors may show microphonic effects, where vibrations and mechanical conditions give
rise to electrical signals. This is particularly problematic for microphone input paths where a large
signal gain is required.
A single capacitor is required for a line input or single-ended microphone connection. In the case of a
differential connection, a DC blocking capacitor is required on both input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com