Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9090ECS/R Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM9090ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090ECS/R Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM9090ECS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 81 page
background image
WM9090
Production Data
w
PD, November 2010, Rev 4.1
60
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R22 (16h)
IN1 Line
Control
1
IN1_DIFF
1
PGA IN1A and IN1B configuration
0 = Single-ended mode
1 = Differential mode
0
IN1_CLAMP
1
IN1P and IN1N input pad VMID clamp
0 = Clamp de-activated
1 = Clamp activated
Register 16h IN1 Line Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R23 (17h)
IN2 Line
Control
1
IN2_DIFF
1
PGA IN2A and IN2B configuration
0 = Single-ended mode
1 = Differential mode
0
IN2_CLAMP
1
IN2P and IN2N input pad VMID clamp
0 = Clamp de-activated
1 = Clamp activated
Register 17h IN2 Line Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R24 (18h)
IN1 Line
Input A
Volume
8
IN1_VU
N/A
IN1 Volume Update
Writing a 1 to this bit will cause IN1A and IN1B input
PGA volumes to be updated simultaneously
7
IN1A_MUTE
1
IN1A PGA Mute
0 = Un-Mute
1 = Mute
6
IN1A_ZC
0
IN1A PGA Zero Cross Control
0 = Change gain immediately
1 = Change gain on zero cross only
2:0
IN1A_VOL
[2:0]
011
IN1A Volume (differential mode)
000 = -6dB
001 = -3.5dB
010 = 0dB
011 = +3.5dB
100 = +6dB
101 = +12dB
110 = +18dB
111 = +18dB
IN1A Volume (single-ended mode)
000 = 0dB
001 = +2.5dB
010 = +6dB
011 = +9.5dB
100 = +12dB
101 = +18dB
110 = +24dB
111 = +24dB
Register 18h IN1 Line Input A Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com