Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9090ECS/R Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM9090ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090ECS/R Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM9090ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
Production Data
WM9090
w
PD, November 2010, Rev 4.1
45
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
HPOUT1R_OUTP
0
Enables HPOUT1R output stage
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set to 1 after the DC offset
cancellation has been performed.
1
HPOUT1R_DLY
0
Enables HPOUT1R intermediate
stage
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set to 1 after the output signal path
has been configured, and before the
DC Offset cancellation is scheduled
This bit should be set with at least
20us delay after HPOUT1L_ENA.
Table 26 Pop Suppression Control
RECOMMENDED HEADPHONE START UP SEQUENCE
Below is a recommended headphone start up sequence for suppressing pops.
Firstly program the following sequence into the Control Write Sequencer. For further details refer to
the ‘Programming a Sequence’ section.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
0
(00h)
R76 (4Ch)
1 bits
Bit 15
01h
0h
0b
Enable Charge Pump
1
(01h)
R3 (03h)
2 bits
Bit 4
03h
0h
0b
Enable Output Mixers
2
(02h)
R46 (2Dh)
1 bits
Bit 6
01h
0h
0b
Enable path from IN1A
TO MIXOUTL
3
(03h)
R47 (2Eh)
1 bits
Bit 4
01h
0h
0b
Enable path from IN1B
TO MIXOUTR
4
(04h)
R48 (2Fh)
1 bits
Bit 8
00h
0h
0b
Un-mute MIXOUTL
5
(05h)
R49 (30h)
1 bits
Bit 8
00h
0h
0b
Un-mute MIXOUTR
6
(06h)
R28 (1Ch)
1 bits
Bit 8
01h
0h
0b
HPOUT1L_VOL=-12dB
and update
7
(07h)
R29 (1Dh)
1 bits
Bit 8
01h
0h
0b
HPOUT1R_VOL=-12dB
and update
8
(08h)
R1 (01h)
2 bits
Bit 8
03h
0h
0b
Enable HPOUTL/R
9
(0Ah)
R96 (60h)
6 bits
Bit 0
22h
0h
0b
Enable HP DLY
10
(0Bh)
R84 (54h)
6 bits
Bit 0
33h
9h
(32.5ms)
0b
Enable DC Servo and
Start Calibration
11
(0Ch)
R96 (60h)
8 bits
Bit 0
EEh
0h
1b
Enable Headphone
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com