Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9090ECS/R Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM9090ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090ECS/R Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM9090ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
WM9090
Production Data
w
PD, November 2010, Rev 4.1
44
SEQUENCE
HEADPHONE DISABLE
Step 1
HPOUT1L_RMV_SHORT = 0
HPOUT1L_DLY = 0
HPOUT1L_OUTP = 0
HPOUT1R_RMV_SHORT = 0
HPOUT1R_DLY = 0
HPOUT1R_OUTP = 0
Step 2
HPOUT1L_ENA = 0
HPOUT1R_ENA = 0
Table 25 Headphone Output Disable Sequence
The register bits relating to pop suppression control are defined in Table 26.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
Management
(1)
9
HPOUT1L_ENA
0
Headphone Output (HPOUTL) input
stage enable
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set as the first stage of the
HPOUTL Enable sequence.
8
HPOUT1R_ENA
0
Headphone Output (HPOUTR) input
stage enable
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set as the first stage of the
HPOUTR Enable sequence.
R96 (60h)
Analogue HP
0
7
HPOUT1L_RMV_
SHORT
0
Removes HPOUT1L short
0 = HPOUT1L short enabled
1 = HPOUT1L short removed
For pop-free operation, this bit should
be set to 1 as the final step in the
HPOUTL Enable sequence.
6
HPOUT1L_OUTP
0
Enables HPOUT1L output stage
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set to 1 after the DC offset
cancellation has been performed.
5
HPOUT1L_DLY
0
Enables HPOUT1L intermediate stage
0 = Disabled
1 = Enabled
For pop-free operation, this bit should
be set to 1 after the output signal path
has been configured, and before the
DC Offset cancellation is scheduled
This bit should be set with at least
20us delay after HPOUT1L_ENA.
3
HPOUT1R_RMV_
SHORT
0
Removes HPOUT1R short
0 = HPOUT1R short enabled
1 = HPOUT1R short removed
For pop-free operation, this bit should
be set to 1 as the final step in the
HPOUTR Enable sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com