Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9090ECS/R Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM9090ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090ECS/R Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM9090ECS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM9090ECS/R Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
Production Data
WM9090
w
PD, November 2010, Rev 4.1
23
HEADPHONE MIXER CONTROL
The Headphone Mixer configuration registers are described in Table 8 for the Left Channel
(MIXOUTL) and Table 9 for the Right Channel (MIXOUTR). A subset of the available input PGAs
IN1A, IN1B, IN2A and IN2B is selectable as an input to each of the Headphone Mixers, as illustrated
in Figure 3.
Care should be taken when enabling more than one path to a Headphone Mixer in order to avoid
clipping. The gain of each input path is adjustable using a selectable volume control in each path to
facilitate this.
The Headphone Mixer outputs can be muted or enabled using the MIXOUTL_MUTE and
MIXOUTR_MUTE register bits. The Headphone Mixer volume is also controlled by the Headphone
Output PGAs, as defined in Table 10.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45 (2Dh)
Output Mixer1
6
IN1A_TO_MIXOUTL
0
IN1A to MIXOUTL enable
0 = Disabled
1 = Enabled
2
IN2A_TO_MIXOUTL
0
IN2A to MIXOUTL enable
0 = Disabled
1 = Enabled
R47 (2Fh)
Output Mixer3
8
MIXOUTL_MUTE
1
MIXOUTL Output mute
0 = Un-Mute
1 = Mute
7:6
IN1A_MIXOUTL_VOL
[1:0]
00
IN1A to MIXOUTL volume control
00 = 0dB
01 = -6dB
10 = -9dB
11 = -12dB
3:2
IN2A_MIXOUTL_VOL
[1:0]
00
IN2A to MIXOUTL volume control
00 = 0dB
01 = -6dB
10 = -9dB
11 = -12dB
Table 8 Left Output Mixer (MIXOUTL) Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R46 (2Eh)
Output Mixer2
6
IN1A_TO_MIXOUTR
0
IN1A to MIXOUTR enable
0 = Disabled
1 = Enabled
4
IN1B_TO_MIXOUTR
0
IN1B to MIXOUTR enable
0 = Disabled
1 = Enabled
2
IN2A_TO_MIXOUTR
0
IN2A to MIXOUTR enable
0 = Disabled
1 = Enabled
0
IN2B_TO_MIXOUTR
0
IN2B to MIXOUTR enable
0 = Disabled
1 = Enabled
R48 (30h)
Output Mixer4
8
MIXOUTR_MUTE
1
MIXOUTR Output mute
0 = Un-Mute
1 = Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com