Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RB Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 95Page - STMicroelectronics STM32F107RB Datasheet HTML 96Page - STMicroelectronics STM32F107RB Datasheet HTML 97Page - STMicroelectronics STM32F107RB Datasheet HTML 98Page - STMicroelectronics STM32F107RB Datasheet HTML 99Page - STMicroelectronics STM32F107RB Datasheet HTML 100Page - STMicroelectronics STM32F107RB Datasheet HTML 101Page - STMicroelectronics STM32F107RB Datasheet HTML 102Page - STMicroelectronics STM32F107RB Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 103 page
background image
STM32F105xx, STM32F107xx
Revision history
Doc ID 15274 Rev 6
101/104
14-Sep-2009
4
Document status promoted from Preliminary data to full datasheet.
Number of DACs corrected in Table 3: STM32F105xx and
STM32F107xx family versus STM32F103xx family.
Note 5 added in Table 5: Pin definitions.
VRERINT and TCoeff added to Table 12: Embedded internal reference
voltage.
Values added to Table 13: Maximum current consumption in Run
mode, code with data processing running from Flash, Table 14:
Maximum current consumption in Run mode, code with data
processing running from RAM and Table 15: Maximum current
consumption in Sleep mode, code running from Flash or RAM.
Typical IDD_VBAT value added in Table 16: Typical and maximum
current consumptions in Stop and Standby modes.
Figure 10: Typical current consumption on VBAT with RTC on vs.
temperature at different VBAT values added.
Values modified in Table 17: Typical current consumption in Run
mode, code with data processing running from Flash and Table 18:
Typical current consumption in Sleep mode, code running from Flash
or RAM.
fHSE_ext min modified in Table 20: High-speed external user clock
characteristics.
CL1 and CL2 replaced by C in Table 22: HSE 3-25 MHz oscillator
characteristics and Table 23: LSE oscillator characteristics (fLSE =
32.768 kHz), notes modified and moved below the tables. Note 1
modified below Figure 16: Typical application with an 8 MHz crystal.
Conditions removed from Table 26: Low-power mode wakeup
timings.
Standards modified in Section 5.3.10: EMC characteristics on
page 52, conditions modified in Table 31: EMS characteristics.
Jitter maximum values added to Table 27: PLL characteristics and
Table 28: PLL2 and PLL3 characteristics.
RPU and RPD modified in Table 36: I/O static characteristics.
Condition added for VNF(NRST) parameter in Table 39: NRST pin
characteristics. Note removed and RPD, RPU values added in
Table 46: USB OTG FS DC electrical characteristics.
Table 48: Ethernet DC electrical characteristics added.
Parameter values added to Table 49: Dynamic characteristics:
Ethernet MAC signals for SMI, Table 50: Dynamic characteristics:
Ethernet MAC signals for RMII and Table 51: Dynamic
characteristics: Ethernet MAC signals for MII.
CADC and RAIN parameters modified in Table 52: ADC
characteristics. RAIN max values modified in Table 53: RAIN max for
fADC = 14 MHz.
Table 56: DAC characteristics modified. Figure 38: 12-bit buffered
/non-buffered DAC added.
Table 64: Applicative current consumption in Run mode, code with
data processing running from Flash added.
Small text changes.
Table 65.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com