Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RB Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 95Page - STMicroelectronics STM32F107RB Datasheet HTML 96Page - STMicroelectronics STM32F107RB Datasheet HTML 97Page - STMicroelectronics STM32F107RB Datasheet HTML 98Page - STMicroelectronics STM32F107RB Datasheet HTML 99Page - STMicroelectronics STM32F107RB Datasheet HTML 100Page - STMicroelectronics STM32F107RB Datasheet HTML 101Page - STMicroelectronics STM32F107RB Datasheet HTML 102Page - STMicroelectronics STM32F107RB Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 103 page
background image
Revision history
STM32F105xx, STM32F107xx
102/104
Doc ID 15274 Rev 6
11-May-2010
5
Added BGA package.
Table 5: Pin definitions:
ETH_RMII_RXD0 and ETH_RMII_RXD1 added in remap column for
PD9 and PD10, respectively.
Note added to ETH_MII_RX_DV, ETH_MII_RXD0, ETH_MII_RXD1,
ETH_MII_RXD2 and ETH_MII_RXD3
Updated Table 36: I/O static characteristics on page 55
Added Figure 18: Standard I/O input characteristics - CMOS port
to Figure 21: 5 V tolerant I/O input characteristics - TTL port
Updated Table 43: SPI characteristics on page 65.
Updated Table 44: I2S characteristics on page 68.
Updated Table 48: Ethernet DC electrical characteristics on page 71.
Updated Table 49: Dynamic characteristics: Ethernet MAC signals
for SMI on page 71.
Updated Table 50: Dynamic characteristics: Ethernet MAC signals
for RMII on page 72
Updated Figure 55: USB OTG FS + Ethernet solution on page 96.
Updated Figure 56: USB OTG FS + I2S (Audio) solution on page 96
01-Aug-2011
6
Changed SRAM size to 64 KB on all parts.
Updated PD0 and PD1 description in Table 5: Pin definitions on
page 26
Updated footnotes below Table 6: Voltage characteristics on page 34
and Table 7: Current characteristics on page 34
Updated tw min in Table 20: High-speed external user clock
characteristics on page 45
Updated startup time in Table 23: LSE oscillator characteristics
(fLSE = 32.768 kHz) on page 48
Added Section 5.3.12: I/O current injection characteristics on
page 55
Updated Table 36: I/O static characteristics on page 55
Add Interna code V to Table 62: Ordering information scheme on
page 89
Table 65.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com