Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EvaluationBoard Datasheet(PDF) 3 Page - Intersil Corporation

Part # EvaluationBoard
Description  1.5A, Rad Hard, Positive, High Voltage LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EvaluationBoard Datasheet(HTML) 3 Page - Intersil Corporation

  EvaluationBoard Datasheet HTML 1Page - Intersil Corporation EvaluationBoard Datasheet HTML 2Page - Intersil Corporation EvaluationBoard Datasheet HTML 3Page - Intersil Corporation EvaluationBoard Datasheet HTML 4Page - Intersil Corporation EvaluationBoard Datasheet HTML 5Page - Intersil Corporation EvaluationBoard Datasheet HTML 6Page - Intersil Corporation EvaluationBoard Datasheet HTML 7Page - Intersil Corporation EvaluationBoard Datasheet HTML 8Page - Intersil Corporation EvaluationBoard Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ISL75052SEH
3
FN8456.0
May 29, 2013
Pin Configuration
ISL75052SEH
(16 Ld CDFP)
TOP VIEW
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VOUT
VOUT
VIN
VIN
VIN
NC
NC
OCP
BYP
ADJ
EN
GND
COMP
PG
VCCX
TMODE
DOTTED LINE SHOWS METAL BOTTOM
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
ESD CIRCUIT
3, 4, 5
VIN
Input supply pins.
Circuit 1
10
PG
This pin is logic high when VOUT is in regulation signal. A logic low defines when VOUT
is not in regulation.
Circuit 2
13
GND
GND pin. Pin 13 is also connected to the metal lid of the package.
Circuit 2
9
VCCX
The 3.8V internal bus is pinned out to accept a decoupling capacitor. Connect a 0.1µF
ceramic capacitor from VCCX pin to GND.
Circuit 2
1, 2
VOUT
Output voltage pins.
Circuit 1
12
COMP
Add compensation capacitor & resistor between COMP and GND.
Circuit 2
15
ADJ
ADJ pin allows VOUT to be programmed with an external resistor divider.
Circuit 2
6, 7
NC
No connect. May be grounded if needed.
Circuit 2
16
BYP
Connect a 0.1µF capacitor from BYP pin to GND, to filter the internal VREF.
Circuit 2
8
OCP
OCP pin allows the Current limit to be programmed with an external resistor.
Circuit 2
14
EN
VIN independent chip enable. TTL and CMOS compatible.
Circuit 2
11
TMODE
Test Mode pin, must be connected to GND.
Circuit 2
Bottom
Metallization
The metal surface on the bottom surface of the package is floating. For mounting
instructions see “Bottom Metal Mounting Guidelines” on page 8.
Circuit 2
PAD
GND
ESD CIRCUIT 1
ESD_CL_12V
PAD
GND
ESD_RC_7V
ESD CIRCUIT 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com