Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EvaluationBoard Datasheet(PDF) 11 Page - Intersil Corporation

Part # EvaluationBoard
Description  1.5A, Rad Hard, Positive, High Voltage LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EvaluationBoard Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EvaluationBoard Datasheet HTML 7Page - Intersil Corporation EvaluationBoard Datasheet HTML 8Page - Intersil Corporation EvaluationBoard Datasheet HTML 9Page - Intersil Corporation EvaluationBoard Datasheet HTML 10Page - Intersil Corporation EvaluationBoard Datasheet HTML 11Page - Intersil Corporation EvaluationBoard Datasheet HTML 12Page - Intersil Corporation EvaluationBoard Datasheet HTML 13Page - Intersil Corporation EvaluationBoard Datasheet HTML 14Page - Intersil Corporation EvaluationBoard Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL75052SEH
11
FN8456.0
May 29, 2013
FIGURE 9A. LOAD STEP RESPONSE, 25°C, VIN = 13.2V, VOUT = 10V,
IOUT = 0A to 1.5A, COUT = 200µF, 30mΩ
FIGURE 9B. LOAD STEP RESPONSE, 25°C, VIN = 13.2V, VOUT = 10V,
IOUT = 0.15A to 1.5A, COUT = 200µF, 30mΩ
FIGURE 10. GAIN PHASE PLOTS, VIN = 4V, VOUT = 2.5V, IOUT =0.2A,
RCOMP = 22k, CCOMP = 1nF, COUT = 200µF, 30mΩ,
PHASE MARGIN = 98.68°, GAIN MARGIN = 23.01dB
FIGURE 11. GAIN PHASE PLOTS, VIN = 4V, VOUT = 2.5V, IOUT =1.5A,
RCOMP = 22k, CCOMP = 1nF, COUT = 200µF, 30mΩ,
PHASE MARGIN = 84.56°, GAIN MARGIN = 18.06dB
FIGURE 12. PSRR, VIN = 4.9V, VOUT = 4.0V, IOUT =1.5A, RCOMP = 22k, CCOMP = 1nF, COUT = 200µF, 30mΩ
Typical Operating Performance (Continued)
VOUT = 50mV/DIV
IOUT = 500mA/DIV
Timebase = 500µs/DIV
VOUT = 50mV/DIV
IOUT = 500mA/DIV
Timebase = 500µs/DIV
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
500
5k
50k
500k
FREQUENCY (Hz)
PHASE (°)
GAIN (dB)
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
500
5k
50k
500k
FREQUENCY (Hz)
PHASE (°)
GAIN (dB)
-100
-90
-80
-70
-60
-50
-40
-30
100
1k
10k
100k
FREQUENCY (Hz)
125°C PSRR (dB)
25°C PSRR (dB)
-55°C PSRR (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com