Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EvaluationBoard Datasheet(PDF) 7 Page - Intersil Corporation

Part # EvaluationBoard
Description  1.5A, Rad Hard, Positive, High Voltage LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EvaluationBoard Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EvaluationBoard Datasheet HTML 3Page - Intersil Corporation EvaluationBoard Datasheet HTML 4Page - Intersil Corporation EvaluationBoard Datasheet HTML 5Page - Intersil Corporation EvaluationBoard Datasheet HTML 6Page - Intersil Corporation EvaluationBoard Datasheet HTML 7Page - Intersil Corporation EvaluationBoard Datasheet HTML 8Page - Intersil Corporation EvaluationBoard Datasheet HTML 9Page - Intersil Corporation EvaluationBoard Datasheet HTML 10Page - Intersil Corporation EvaluationBoard Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL75052SEH
7
FN8456.0
May 29, 2013
Applications Information
Input Voltage Requirements
This RH LDO will work from a VIN in the range of 4.0V to 13.2V.
The input supply can have a tolerance of as much as ±10% for
conditions noted in the specification table. The minimum
guaranteed input voltage is 4.0V. However, due to the nature of
an LDO, VIN must be some margin higher than the output voltage
plus dropout at the maximum rated current of the application if
active filtering (PSRR) is expected from VIN to VOUT. The Dropout
spec of this family of LDOs has been generously specified in
order to allow design for efficient operation.
External Capacitor Requirements
GENERAL GUIDELINE
External capacitors are required for proper operation. Careful
attention must be paid to layout guidelines and selection of
capacitor type and value to ensure optimal performance.
OUTPUT CAPACITOR
It is recommended to use a combination of Tantalum and
Ceramic capacitors to achieve a good volume to capacitance
ratio. The recommended combination is a 2x100µF 60m
Ω rated,
KEMET T541 series tantalum capacitor, in parallel with a 0.1µF
MIL-PRF-49470 ceramic capacitor to be connected to VOUT and
Ground pins of the LDO with PCB traces no longer than 0.5cm.
INPUT CAPACITOR
It is recommended to use a combination of Tantalum and
Ceramic capacitors to achieve a good capacitance to volume
ratio. The recommended combination is a 2x100µF 60m
Ω rated,
KEMET T541 series tantalum capacitor in parallel with a 0.1µF
MIL-PRF-49470 ceramic capacitor to be connected to VIN and
Ground pins of the LDO with PCB traces no longer than 0.5cm.
Current Limit Protection
The RH LDO incorporates protection against overcurrent due to
any short or overload condition applied to the output pin. The
current limit circuit performs as a constant current source when
the output current exceeds the current limit threshold which can
be adjusted by means of a resistor connected between the OCP
DEVICE START-UP CHARACTERISTICS
Enable Pin Characteristics
Turn-on Threshold
4.0V < VIN < 13.2V
0.5
0.8
1.2
V
Enable Pin Leakage Current
VIN = 13.2V, EN = 5.5V
1
µA
Enable Pin Propagation Delay (EN
step 1.2V to VOUT = 100mV)
VIN = 4.5V, VOUT = 4.0V, ILOAD = 1.5A,
COUT = 22µF, CBYP = 0.2µF
0.5
1.0
ms
Enable Pin Turn-on Delay
(EN step 1.2V to PGOOD)
VIN = 4.5V, VOUT = 4.0V, ILOAD = 1.5A,
COUT = 2x100µF, CBYP = 0.2µF
1.4
3.0
ms
Enable Pin Turn-on Delay
(EN step 1.2V to PGOOD)
VIN = 4.5V, VOUT = 4.0V, ILOAD = 1.5A,
COUT = 22µF, CBYP = 0.2µF
1.1
2.5
ms
Hysteresis (Falling Threshold)
4.0V < VIN < 13.2V
75
170
mV
PG Pin Characteristics
VOUT Error Flag Rising Threshold
83
88
94
%VOUT
VOUT Error Flag Falling Threshold
80
86
91
%VOUT
VOUT Error Flag Hysteresis
1.75
2.5
%VOUT
Error Flag Low Voltage
ISINK = 1mA
5
100
mV
Error Flag Low Voltage
ISINK = 10mA
5
400
mV
Error Flag Leakage Current
VIN = 13.2V, PG = 5.5V
1
µA
8. Parameters with bold face MIN and/or MAX limits are 100% tested at -55°C, 25°C and 125°C.
9. Limits established by characterization and are not production tested.
10. Dropout is defined by the difference in supply VIN and VOUT when the supply produces a 2% drop in VOUT from its nominal value.
11. Refer to thermal package guidelines in “Bottom Metal Mounting Guidelines” on page 8..
12. OCP recovery overshoot should be within ±4% of the nominal VOUT setpoint.
13. SET performance of <±5% at LET = 86MeV.cm2/mg has been evaluated at VOUT = >2.5V with CIN = COUT = 2x100µF 10V 60mΩ in parallel with
0.1µF CDR04 X7R capacitor. Capacitor on BYP = 0.1µF CDR04 X7R.
Electrical Specifications Unless otherwise noted, all parameters are guaranteed over the following specified conditions:
VIN =VOUT +0.5V, VOUT = 4.0V, CIN = COUT = 2x100µF 60mΩ, KEMET type T541X107N025AH or equivalent, TJ = +25°C, IL = 0A. Applications must follow
thermal guidelines of the package to determine worst case junction temperature. Please refer to “Applications Information” on page 7 of the data sheet
and Tech Brief TB379. Boldface limits apply over the operating temperature range, -55°C to +125°C. Pulse load techniques used by ATE to ensure TJ =TA
defines guaranteed limits. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com