Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EvaluationBoard Datasheet(PDF) 1 Page - Intersil Corporation

Part # EvaluationBoard
Description  1.5A, Rad Hard, Positive, High Voltage LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EvaluationBoard Datasheet(HTML) 1 Page - Intersil Corporation

  EvaluationBoard Datasheet HTML 1Page - Intersil Corporation EvaluationBoard Datasheet HTML 2Page - Intersil Corporation EvaluationBoard Datasheet HTML 3Page - Intersil Corporation EvaluationBoard Datasheet HTML 4Page - Intersil Corporation EvaluationBoard Datasheet HTML 5Page - Intersil Corporation EvaluationBoard Datasheet HTML 6Page - Intersil Corporation EvaluationBoard Datasheet HTML 7Page - Intersil Corporation EvaluationBoard Datasheet HTML 8Page - Intersil Corporation EvaluationBoard Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
1.5A, Rad Hard, Positive, High Voltage LDO
ISL75052SEH
The ISL75052SEH is a radiation hardened, single output LDO
specified for an output current of 1.5A. The device operates from
an input voltage range of 4.0V to 13.2V and provides for output
voltages of 0.6V to 12.7V. The output is adjustable based on a
resistor divider setting. Dropout voltages as low as 75mV (at
0.5A) typical can be realized using the device. This allows the
user to improve the system efficiency by lowering VIN to nearly
VOUT.
The ENABLE feature allows the part to be placed into a low
shutdown current mode of 165µA (typ). When enabled the device
operates with a low ground current of 11mA (typ), which provides
for operation with Low Quiescent Power consumption.
The device has superior transient response and is designed
keeping Single Event Effects in mind. This results in reduction of
the magnitude of SET seen on the output. There is no need for
additional protection diodes and filters.
COMP pin is provided to enable the use of external
compensation. This is achieved by connecting a resistor and
capacitor from COMP to ground. The device is stable with
Tantalum capacitors as low as 47µF (KEMET T525 series) and
provides excellent regulation all the way from no Load to full
Load. The programmable soft-start allows one to program the
inrush current by means of the decoupling capacitor used on the
BYP pin. The OCP pin allows the short circuit output current limit
threshold to be programmed by means of a resistor from OCP pin
to GND. The OCP setting range is from a 0.16A min to 3.2A max.
The resistor sets the constant current threshold for the output
under fault conditions. The thermal shutdown disables the output
if the device temperature exceeds the specified value, it will
subsequently enter a ON/OFF cycle till the fault is removed.
Applications
• LDO regulator for Space Power Systems
• DSP, FPGA and µP Core Power Supplies
• Post Regulation of SMPS and Down Hole Drilling
Features
•DLA SMD 5962-13220
• Input supply range 4.0V to 13.2V.
• Output Current up to 1.5A at a TJ = +150°C
• Best in class Accuracy ±1.5%
- Over line, load and temperature
• Ultra Low Dropout:
- 75mV Dropout (typ) @ 0.5A
- 225mV Dropout (typ) @ 1.5A
• Noise of 100µVRMS (typ) between 300Hz to 300kHz
• SET mitigation with no added filtering/diodes
• Shutdown Current of 165µA (typ)
• Externally adjustable Output Voltage
• PSRR 65dB (typ) @ 1kHz
• ENable and PGood Feature
• Programmable Soft-Start/In-rush Current Limiting
• Adjustable Overcurrent Protection
• Over-Temperature Shutdown
• Stable with 47µF Min Tantalum Capacitor
• Package 16 Ld Flat Pack
• Radiation Environment
- High Dose Rate (50-300rad(Si)/s) . . . . . . . . . 100krad(Si)
- Low Dose Rate (0.01rad(Si)/s). . . . . . . . . . . . 100krad(Si)*
- SET/SEL/SEB . . . . . . . . . . . . . . . . . . . . . . . . ..86 MeV.cm2/mg
*Product capability established by initial characterization. The
"EH" version is acceptance tested on a wafer-by-wafer basis to
50krad(Si) at low dose rate.
Related Literature
See AN1850, "ISL75052SEH Evaluation Board User's Guide"
See AN1851, "SEE Testing of the ISL75052SEH"
See AN1852, "Radiation Report of the ISL75052SEH"
FIGURE 1. TYPICAL APPLICATION
15.8k
4.87k
2.2k
2.2n
VOUT
2.5V
300
EN
VIN
1nF
PG
VIN
3,4,5
ISL75052SEH
16
15
14
13
8
10
12
9
VOUT
VIN
OCP
PG
COMP
VCCX
GND
EN
ADJ
BYP
1,2
22k
22k
0.1µF
0.1µF
200µF
0.1µF
0.1µF
200µF
Ω
FIGURE 2. DROPOUT vs IOUT
ILOAD (A)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
0.5
1.0
1.5
2.0
+125°C
+150°C
25°C
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners
May 29, 2013
FN8456.0


Similar Part No. - EvaluationBoard

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EVALU8R ETC2-EVALU8R Datasheet
501Kb / 26P
State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
More results

Similar Description - EvaluationBoard

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
logo
M.S. Kennedy Corporatio...
MSK5979RH MSK-MSK5979RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5984RH MSK-MSK5984RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
MSK5965RH ANAREN-MSK5965RH Datasheet
429Kb / 7P
RAD HARD POSITIVE 0.9A, LOW NOISE, LDO ADJ VOLTAGE REGULATOR
MSK5978RH ANAREN-MSK5978RH Datasheet
1Mb / 9P
RAD HARD POSITIVE 0.7A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5979RH ANAREN-MSK5979RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5983RH ANAREN-MSK5983RH Datasheet
610Kb / 9P
RAD HARD POSITIVE, 2.25A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5984RH ANAREN-MSK5984RH Datasheet
539Kb / 8P
RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5985RH ANAREN-MSK5985RH Datasheet
560Kb / 9P
RAD HARD POSITIVE, 1.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com