Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EvaluationBoard Datasheet(PDF) 16 Page - Intersil Corporation

Part # EvaluationBoard
Description  1.5A, Rad Hard, Positive, High Voltage LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EvaluationBoard Datasheet(HTML) 16 Page - Intersil Corporation

Back Button EvaluationBoard Datasheet HTML 8Page - Intersil Corporation EvaluationBoard Datasheet HTML 9Page - Intersil Corporation EvaluationBoard Datasheet HTML 10Page - Intersil Corporation EvaluationBoard Datasheet HTML 11Page - Intersil Corporation EvaluationBoard Datasheet HTML 12Page - Intersil Corporation EvaluationBoard Datasheet HTML 13Page - Intersil Corporation EvaluationBoard Datasheet HTML 14Page - Intersil Corporation EvaluationBoard Datasheet HTML 15Page - Intersil Corporation EvaluationBoard Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ISL75052SEH
16
FN8456.0
May 29, 2013
Package Outline Drawing
K16.E
16 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
Rev 1, 1/12
SIDE VIEW
TOP VIEW
SECTION A-A
-D-
-C-
SEATING AND
BASE PLANE
-H-
BASE
METAL
PIN NO. 1
ID AREA
0.022 (0.56)
0.015 (0.38)
0.050 (1.27 BSC)
0.005 (0.13)
MIN
0.115 (2.92)
0.085 (2.16)
0.045 (1.14)
0.026 (0.66)
0.278 (7.06)
0.262 (6.65)
0.009 (0.23)
0.004 (0.10)
0.370 (9.40)
0.250 (6.35)
0.03 (0.76) MIN
0.006 (0.15)
0.004 (0.10)
0.009 (0.23)
0.004 (0.10)
0.019 (0.48)
0.015 (0.38)
0.0015 (0.04)
MAX
0.022 (0.56)
0.015 (0.38)
0.015 (0.38)
0.008 (0.20)
PIN NO. 1
ID OPTIONAL
1
2
4
6
3
LEAD FINISH
1.
adjacent to pin one and shall be located within the shaded area shown.
The manufacturer’s identification shall not be used as a pin one
identification mark. Alternately, a tab may be used to identify pin one.
2.
of the tab dimension do not apply.
3. The maximum limits of lead dimensions (section A-A) shall be
measured at the centroid of the finished lead surfaces, when solder
dip or tin plate lead finish is applied.
4.
5.
shall be molded to the bottom of the package to cover the leads.
6.
meniscus) of the lead from the body. Dimension minimum shall
be reduced by 0.0015 inch (0.038mm) maximum when solder dip
lead finish is applied.
8.
9.
NOTES:
Dimensioning and tolerancing per ANSI Y14.5M - 1982.
Dimensions: INCH (mm). Controlling dimension: INCH.
Index area: A notch or a pin one identification mark shall be located
If a pin one identification mark is used in addition to a tab, the limits
Measure dimension at all four corners.
For bottom-brazed lead packages, no organic or polymeric materials
Dimension shall be measured at the point of exit (beyond the
0.420
0.400
0.198 (5.03)
0.182 (4.62)
7
BOTTOM
METAL
7. The bottom of the package is a solderable metal surface.
BOTTOM VIEW
OPTIONAL
PIN 1 INDEX
BOTTOM METAL
0.005 (0.127) REF.
OFFSET FROM
CERAMIC EDGE
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com