Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EvaluationBoard Datasheet(PDF) 6 Page - Intersil Corporation

Part # EvaluationBoard
Description  1.5A, Rad Hard, Positive, High Voltage LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EvaluationBoard Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EvaluationBoard Datasheet HTML 2Page - Intersil Corporation EvaluationBoard Datasheet HTML 3Page - Intersil Corporation EvaluationBoard Datasheet HTML 4Page - Intersil Corporation EvaluationBoard Datasheet HTML 5Page - Intersil Corporation EvaluationBoard Datasheet HTML 6Page - Intersil Corporation EvaluationBoard Datasheet HTML 7Page - Intersil Corporation EvaluationBoard Datasheet HTML 8Page - Intersil Corporation EvaluationBoard Datasheet HTML 9Page - Intersil Corporation EvaluationBoard Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL75052SEH
6
FN8456.0
May 29, 2013
VCCX Pin
VVCCX
TJ = -55°C to +125°C; 4V < VIN < 13.2V; ILOAD =0A;
3.7
3.9
4.1
V
ADJ Pin
VADJ
TJ = -55°C to +125°C
591
600
609
mV
ADJ Pin
VADJ
TJ = 25°C, Post Rad
588
600
612
mV
BYP Pin
VBYP
4.0V < VIN < 13.2V; ILOAD=0A,
TJ = -55°C to +125°C
588
600
612
mV
DC Input Line Regulation
4.0V < VIN < 13.2V, VOUT = 2.5V
1
8
mV
DC Input Line Regulation
5.5V < VIN < 13.2V, VOUT = 5.0V
1
20
mV
DC Input Line Regulation
10.5V < VIN < 13.2V, VOUT = 10.0V
1
10
mV
DC Output Load Regulation
VOUT = 2.5V; 0A < ILOAD < 1.5A, VIN = 4.0V
0.3
9
mV
DC Output Load Regulation
VOUT = 5.0V; 0A < ILOAD < 1.5A, VIN = 5.5V
1.3
18
mV
DC Output Load Regulation
VOUT = 10.0V; 0A < ILOAD < 1.5A, VIN = 10.5V
0.1
36
mV
ADJ Input Current
VADJ = 0.6V
1
µA
Ground Pin Current
IQ
VOUT = 2.5V; ILOAD = 0A, 4.0V < VIN < 13.2V
6
10
mA
Ground Pin Current
IQ
VOUT = 2.5V; ILOAD = 1.5A, 4.0V < VIN < 13.2V
8
12
mA
Ground Pin Current
IQ
VOUT = 10.0V, ILOAD = 0A, 11.0V < VIN < 13.2V
15
20
mA
Ground Pin Current
IQ
VOUT = 10.0V, ILOAD = 1.5A, 11.0V < VIN < 13.2V
20
25
mA
Ground Pin Current in Shutdown
ISHDNL
ENABLE Pin = 0V, VIN = 4.0V
70
120
µA
Ground Pin Current in Shutdown
ISHDNH
ENABLE Pin = 0V, VIN = 13.2V
165
300
µA
Dropout Voltage (Note 10)
VDO
ILOAD = 0.5A, VOUT = 3.6V and 12.7V
75
160
mV
Dropout Voltage (Note 10)
VDO
ILOAD = 1.0A, VOUT = 3.6V and 12.7V
150
300
mV
Dropout Voltage (Note 10)
VDO
ILOAD = 1.5A, VOUT = 3.6V and 12.7V
225
400
mV
Output Short Circuit Current for 16
Ld FP
ISCL
VOUT SET = 4.0V, VOUT + 0.5V < VIN < 13.2V,
RSET = 3k, Note 12)
0.16
0.24
0.32
A
Output Short Circuit Current for 16
Ld FP
ISCH
VOUT SET = 4.0V, VOUT + 0.5V < VIN < 13.2V,
RSET = 300Ω, Note 12)
1.6
2.4
3.2
A
Thermal Shutdown Temperature
(Note 9)
TSD
VOUT + 0.5V < VIN < 13.2V
154
175
196
°C
Thermal Shutdown Hysteresis
(Rising Threshold) (Note 9)
TSDn
VOUT + 0.5V < VIN < 13.2V
25
°C
AC CHARACTERISTICS
Input Supply Ripple Rejection
(Note 9)
PSRR
VP-P = 300mV, f = 1kHz, ILOAD = 1.5A;
VIN =4.9V, VOUT = 4.0V
55
65
dB
Input Supply Ripple Rejection
(Note 9)
PSRR
VP-P = 300mV, f = 120Hz, ILOAD = 5mA;
VIN =4.9V, VOUT = 2.5V
60
70
dB
Input Supply Ripple Rejection
(Note 9)
PSRR
VP-P = 300mV, f = 100kHz, ILOAD = 1.5A;
VIN = 4.9V, VOUT = 4.0V
40
50
dB
Phase Margin, (Note 9)
PM
VOUT = 2.5V, 4.0V and 10V, COUT = 2x100µF,
RCOMP=22k, CCOMP = 1nF
50
°
Gain Margin, (Note 9)
GM
VOUT = 2.5V, 4.0V and 10V COUT = 2x100µF,
RCOMP = 22k, CCOMP = 1nF
10
dB
Output Noise Voltage, (Note 9)
ILOAD = 10mA, BW = 300Hz < f < 300kHz, BYPASS to
GND capacitor = 0.2µF
100
µVRMS
Electrical Specifications Unless otherwise noted, all parameters are guaranteed over the following specified conditions:
VIN =VOUT +0.5V, VOUT = 4.0V, CIN = COUT = 2x100µF 60mΩ, KEMET type T541X107N025AH or equivalent, TJ = +25°C, IL = 0A. Applications must follow
thermal guidelines of the package to determine worst case junction temperature. Please refer to “Applications Information” on page 7 of the data sheet
and Tech Brief TB379. Boldface limits apply over the operating temperature range, -55°C to +125°C. Pulse load techniques used by ATE to ensure TJ =TA
defines guaranteed limits. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com