Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EvaluationBoard Datasheet(PDF) 14 Page - Intersil Corporation

Part # EvaluationBoard
Description  1.5A, Rad Hard, Positive, High Voltage LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EvaluationBoard Datasheet(HTML) 14 Page - Intersil Corporation

Back Button EvaluationBoard Datasheet HTML 8Page - Intersil Corporation EvaluationBoard Datasheet HTML 9Page - Intersil Corporation EvaluationBoard Datasheet HTML 10Page - Intersil Corporation EvaluationBoard Datasheet HTML 11Page - Intersil Corporation EvaluationBoard Datasheet HTML 12Page - Intersil Corporation EvaluationBoard Datasheet HTML 13Page - Intersil Corporation EvaluationBoard Datasheet HTML 14Page - Intersil Corporation EvaluationBoard Datasheet HTML 15Page - Intersil Corporation EvaluationBoard Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ISL75052SEH
14
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8456.0
May 29, 2013
For additional products, see www.intersil.com/en/products.html
Metallization Mask Layout
TABLE 1. DIE LAYOUT X-Y COORDINATES
PAD
X
Y
DX
DY
PIN
NAME
PIN#
1
1019
1021
185
450
VOUT
1,2
2
1249
390
185
449
VOUT
1,2
3
2764
1354
5508
2689
VIN
3,4,5
4
3070
1030
185
450
VIN
3,4,5
5
3300
399
185
450
VIN
3,4,5
6
5037
256
185
185
OCP
8
7
5253
1635
185
185
VCCX
9
8
5099
2436
185
185
PG
10
9
4635
2436
185
185
TMODE
11
10
3824
2436
185
185
COMP
12
11
2840
1660
185
450
VIN
3,4,5
12
1799
2436
185
185
GND
13
13
668
2436
185
185
EN
14
14
168
2381
185
185
ADJ
15
15
168
1972
185
184
BYP
16
16
789
1652
185
450
VOUT
1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com