Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EvaluationBoard Datasheet(PDF) 5 Page - Intersil Corporation

Part # EvaluationBoard
Description  1.5A, Rad Hard, Positive, High Voltage LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EvaluationBoard Datasheet(HTML) 5 Page - Intersil Corporation

  EvaluationBoard Datasheet HTML 1Page - Intersil Corporation EvaluationBoard Datasheet HTML 2Page - Intersil Corporation EvaluationBoard Datasheet HTML 3Page - Intersil Corporation EvaluationBoard Datasheet HTML 4Page - Intersil Corporation EvaluationBoard Datasheet HTML 5Page - Intersil Corporation EvaluationBoard Datasheet HTML 6Page - Intersil Corporation EvaluationBoard Datasheet HTML 7Page - Intersil Corporation EvaluationBoard Datasheet HTML 8Page - Intersil Corporation EvaluationBoard Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL75052SEH
5
FN8456.0
May 29, 2013
Absolute Maximum Ratings
Thermal Information
VIN Relative to GND without ion beam (Note 2) . . . . . . . . . . -0.3 to +16.0V
VIN Relative to GND under ion beam (Note 2) . . . . . . . . . . . -0.3 to +14.7V
VOUT Relative to GND (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +14.7V
PG,EN,OCP/ADJ,COMP,REFIN,REFOUT relative to GND (Note 2) . . . -0.3 to
+6.5VDC
Recommended Operating Conditions (Notes 3)
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Junction Temperature (TJ) (Note 2). . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
VIN Relative to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0V to 13.2V
VOUT Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.5V to 12.7V
PG, EN, OCP/ADJ relative to GND . . . . . . . . . . . . . . . . . . . . . . . .0V to +5.5V
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
16 Ld CDFP Package (Notes 5, 6) . . . . . . .
26
4.5
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Radiation Information
Maximum Total Dose
High Dose(Dose Rate = 50 - 300radSi/s) . . . . . . . . . . . .100 krads (Si)
Low Dose(Dose Rate = 10milliradSi/s) (Note 4) . . . . . . 100 krads (Si)
SET (VOUT within ±5% During Events . . . . . . . . . . . . . . . .86MeV/mg/cm2
SEL/B (No Latchup/Burnout . . . . . . . . . . . . . . . . . . . . . . . . 86MeV/mg/cm2
The output capacitance used for SEE testing is 2x100µF for CIN and COUT,
100nF for BYPASS
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
2. Extended operation at these conditions may compromise reliability. Exceeding these limits will result in damage. Recommended operating conditions
define limits where specifications are guaranteed.
3. Refer to “Bottom Metal Mounting Guidelines” on page 8.
4. Product capability established by initial characterization. The "EH" version is acceptance tested on a wafer by wafer basis to 50 krad(Si) at low dose
rate.
5. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
TechBrief TB379
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. Electromigration specification defined as lifetime average junction temperature of +150°C where max rated DC current = lifetime average current.
Electrical Specifications Unless otherwise noted, all parameters are guaranteed over the following specified conditions:
VIN =VOUT +0.5V, VOUT = 4.0V, CIN = COUT = 2x100µF 60mΩ, KEMET type T541X107N025AH or equivalent, TJ = +25°C, IL = 0A. Applications must follow
thermal guidelines of the package to determine worst case junction temperature. Please refer to “Applications Information” on page 7 of the data sheet
and Tech Brief TB379. Boldface limits apply over the operating temperature range, -55°C to +125°C. Pulse load techniques used by ATE to ensure TJ =TA
defines guaranteed limits.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
DC CHARACTERISTICS
DC Output Voltage Accuracy
VOUT
VOUT Resistor adjust to: 2.5V and 5.0V
VOUT = 2.5V, 4.0V < VIN < 5.0V; 0A < ILOAD < 1.5A,
TJ = -55°C to +125°C
-1.5
0.2
1.5
%
VOUT = 2.5V, 4.0V < VIN < 5.0V; 0A < ILOAD < 1.5A,
TJ = +25°C, Post Rad.
-2.0
0.2
2.0
%
VOUT = 5.0V, 5.5V < VIN < 6.9V; 0A < ILOAD < 1.5A,
TJ = -55°C to +125°C
-1.5
0.2
1.5
%
VOUT = 5.0V, 5.5V < VIN < 6.9V, 0A < ILOAD < 1.5A,
TJ = +25°C, Post Rad.
-2.0
0.2
2.0
%
VOUT Resistor adjust to: 10.0V
VOUT = 10.0V, 10.5V < VIN < 13.2V, ILOAD = 0A,
TJ =-55°C to +125°C
-1.5
0.2
1.5
%
VOUT = 10.0V, 10.5V < VIN < 13.2V, ILOAD = 0A,
TJ = +25°C, Post Rad.
-2.0
0.2
2.0
%
VOUT = 10.0V, VIN = 10.5V, ILOAD = 1.5A, VIN =13.2V,
ILOAD = 1.0A, TJ = -55°C to +125°C
-1.5
0.2
1.5
%
VOUT = 10.0V, VIN = 10.5V; ILOAD =1.5A, VIN =13.2V,
ILOAD = 1.0A, TJ = +25°C, Post Rad.
-2.0
0.2
2.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com