Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EvaluationBoard Datasheet(PDF) 9 Page - Intersil Corporation

Part # EvaluationBoard
Description  1.5A, Rad Hard, Positive, High Voltage LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EvaluationBoard Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EvaluationBoard Datasheet HTML 5Page - Intersil Corporation EvaluationBoard Datasheet HTML 6Page - Intersil Corporation EvaluationBoard Datasheet HTML 7Page - Intersil Corporation EvaluationBoard Datasheet HTML 8Page - Intersil Corporation EvaluationBoard Datasheet HTML 9Page - Intersil Corporation EvaluationBoard Datasheet HTML 10Page - Intersil Corporation EvaluationBoard Datasheet HTML 11Page - Intersil Corporation EvaluationBoard Datasheet HTML 12Page - Intersil Corporation EvaluationBoard Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ISL75052SEH
9
FN8456.0
May 29, 2013
Typical Operating Performance
FIGURE 4. LINE REGULATION vs TEMPERATURE (°C),
VOUT = 2.579V, IOUT = 0mA
FIGURE 5A. LOAD REGULATION VOUT = 10.17V AT 25°C
FIGURE 5B. LOAD REGULATION VOUT = 10.13V AT 125°C
FIGURE 5C. LOAD REGULATION VOUT = 10.22V AT -55°C
FIGURE 6A. LOAD REGULATION VOUT = 2.567V AT 25°C
FIGURE 6B. LOAD REGULATION VOUT = 2.571V AT 125°C
2.555
2.560
2.565
2.570
2.575
2.580
2.585
2.590
2.595
2.600
2.605
0
2
4
6
8
10
12
14
16
18
VIN (V)
VOUT AT 25°C
VOUT AT 125°C
VOUT AT -55°C
10.00
10.05
10.10
10.15
10.20
10.25
10.30
10.35
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IOUT (A)
VIN = 10.8V
VIN = 12V
VIN = 13.2V
VIN = 14.7V
10.00
10.05
10.10
10.15
10.20
10.25
10.30
10.35
VIN = 10.8V
VIN = 12V
VIN = 13.2V
VIN = 14.7V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IOUT (A)
10.00
10.05
10.10
10.15
10.20
10.25
10.30
10.35
VIN = 10.8V
VIN = 12V
VIN = 13.2V
VIN = 14.7V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IOUT (A)
2.52
2.53
2.54
2.55
2.56
2.57
2.58
2.59
2.60
2.61
VIN = 4.0V
VIN = 4.5V
VIN = 5.0V
VIN = 5.5V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IOUT (A)
2.52
2.53
2.54
2.55
2.56
2.57
2.58
2.59
2.60
2.61
VIN = 10.5V
VIN = 12V
VIN = 13.2V
VIN = 14.7V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com