Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EvaluationBoard Datasheet(PDF) 13 Page - Intersil Corporation

Part # EvaluationBoard
Description  1.5A, Rad Hard, Positive, High Voltage LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EvaluationBoard Datasheet(HTML) 13 Page - Intersil Corporation

Back Button EvaluationBoard Datasheet HTML 8Page - Intersil Corporation EvaluationBoard Datasheet HTML 9Page - Intersil Corporation EvaluationBoard Datasheet HTML 10Page - Intersil Corporation EvaluationBoard Datasheet HTML 11Page - Intersil Corporation EvaluationBoard Datasheet HTML 12Page - Intersil Corporation EvaluationBoard Datasheet HTML 13Page - Intersil Corporation EvaluationBoard Datasheet HTML 14Page - Intersil Corporation EvaluationBoard Datasheet HTML 15Page - Intersil Corporation EvaluationBoard Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ISL75052SEH
13
FN8456.0
May 29, 2013
Package Characteristics
Weight of Packaged Device
0.59 Grams (Typical)
Lid Characteristics
Finish: Gold
Potential: Connected to Pin 13 (GND)
Case Isolation to Any Lead: 20 x 109 Ω (min)
Die Characteristics
Die Dimensions
2819μm x 5638μm (111 mils x 222 mils).
Thickness: 304.8μm ± 25.4μm (12.0 mils ± 1 mil).
Interface Materials
GLASSIVATION
Type: Silicon Oxide and Silicon Nitride
Thickness: 0.3µm ± 0.03µm to 1.2µm ± 0.12µm
TOP METALLIZATION
Type: AlCu (99.5%/0.5%)
Thickness: 2.7µm ± 0.4µm
SUSTRATE
Type: Silicon
BACKSIDE FINISH
Silicon
ASSEMBLY RELATED INFORMATION
SUBSTRATE POTENTIAL
Ground
ADDITIONAL INFORMATION
WORST CASE CURRENT DENSITY
< 2 x 105 A/cm2
TRANSISTOR COUNT
1074
PROCESS
0.6µm BiCMOS Junction Isolated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com