Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8012 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM8012
Description  Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8012 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM8012 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Block Diagram
2
,
Power Analog Microelectronics Inc
www.poweranalog.com
Pin Configuration & Marking Information
BI: Product Code of PAM8012
Y: Year
W: Week
9 Ball 0.4mm pitch WCSP
Top View of PCB
OUT+
VDD
GND
OUT-
EN
PL
A1
A2
A3
B1
B2
B3
VREF
IN+
IN-
C1
C2
C3
PAM8012
Mono 2.0W Anti-saturation Class D
Audio Power Amplifier with Power Limit
9 Ball 0.4mm pitch WCSP
Top View of Marking
BI
YW
06/2012 Rev1.3
+
-
PWM
Modulator
UVLO
Startup
Protection
OSC
Power
Limit
Gate
Drive
Gate
Drive
SCP
OTP
VREF
IN+
IN-
OUT+
OUT-
VDD
Anti-Sat
Bias
EN
PL
GND
Rin
Rin
Rf
Rf
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com