Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8012 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM8012
Description  Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8012 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM8012 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PAM8012
Mono 2.0W Anti-saturation Class D
Audio Power Amplifier with Power Limit
8
,
Power Analog Microelectronics Inc
www.poweranalog.com
06/2012 Rev1.3
Input Capacitors (Ci )
Decoupling Capacitor (C )
How to Reduce EMI
In the typical application, an input capacitor, Ci,
is required to allow the amplifier to bias the input
signal to the proper DC level for optimum
operation. In this case, Ci and the minimum input
impedance Ri form is a high-pass filter with the
co rne r fre quency determined in the follow
equation:
It is important to consider the value of Ci as it
directly affects the low frequency performance of
the circuit. For example,the specification calls
for a flat bass response are down to 150Hz.
Equation is reconfigured as followed:
When input resistance variation is considered,
the Ci is 34nF, so one would likely choose a value
of 33nF. A further consideration for this capacitor
is the leakage path from the input source through
the input network (
,
) to the load. This
leakage current creates a DC offset voltage at
the input to the amplifier that reduces useful
headroom, especially in high gain applications.
For this reason, a low-leakage tantalum or
ceramic capacitor is the best choice. When
polarized capacitors are used, the positive side
of the capacitor should face the amplifier input in
most applications as the DC level is held at V /2,
which is likely higher than the source DC level.
Please note that it is important to confirm the
capacitor polarity in the application.
The PAM8012 is a high-performance CMOS
audio amplifier that requires adequate power
supply decoupling to ensure the output total
harmonic distortion (THD) as low as possible.
Power supply decoupling also prevents the
oscillations causing by long lead length between
the amplifier and the speaker.
The optimum decoupling is achieved by using
two different types of capacitors that target on
different types of noise on the power supply
leads. For higher frequency transients, spikes, or
digital hash on the line, a good low equivalent-
series-re sista nce (ESR) ceram ic cap acit or,
typically 1 F, is placed as close as possible to
VDD pin for the best operation. For filtering lower
f r e q u e n c y n o i s e s i g n a ls , a l a r g e c e r a m i c
c apacitor of 10 F or greater placed near the
audio power amplifier is recommended.
Most applications require a ferrite bead filter for
EMI elimination shown at Figure 1. The ferrite
filter reduces EMI around 1MHz and higher.
When selecting a ferrite bead, choose one with
high impedance at high frequencies, but low
impedance at low frequencies.
Figure 1: Ferrite Bead Filter to Reduce EMI
DD
S
μ
Ci Ri + Rf
amplifier off when logic low is placed on the EN
pin. By switching the EN pin connected to GND,
th e PAM801 2 su pply curre nt draw will be
minimized in idle mode.
Th e PAM8 01 2 h as sh ort circuit p ro te ction
circuitry on the outputs to prevent the device
from damage when output-to-output shorts or
output-to-GND shorts occur. When a short circuit
o cc u rs , t h e d e v ice i m m e d ia t e l y g o e s in t o
shutdown state. Once the short is removed, the
device will be reactivated.
μ
Short Circuit Protection (SCP)
Shutdown operation
In order to reduce power consumption while not
in use, the PAM8012 contains shutdown circuitry
that is used to turn off the amplifier’
s bias
c ircu it r y. Th is sh u td o w n f e a tu r e tu r n s th e
Application Information
20 0p F
20 0p F
OUT+
OUT-
Fe rrit e Bea d
Fe rrit e Be ad
RiCi
fc
p
2
1
=
Rifc
Ci
p
2
1
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com