Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8012 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8012
Description  Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8012 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8012 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0.05
20
0.1
0.2
0.5
1
2
5
10
%
1m
4
2m
5m
10m
20m
50m
100m 200m
500m
1
2
W
0.04
20
0.1
0.2
0.5
1
2
5
10
%
1m
2
2m
5m
10m
20m
50m
100m
200m
500m
1
W
+ 4
+ 20
+ 5
+ 6
+ 7
+ 8
+ 9
+ 10
+ 11
+ 12
+ 13
+ 14
+ 15
+ 16
+ 17
+ 18
+ 19
d
B
r
A
20
50 k
50
100
200
500
1 k
2k
5 k
10k
20 k
Hz
PAM8012
Mono 2.0W Anti-saturation Class D
Audio Power Amplifier with Power Limit
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
06/2012 Rev1.3
Typical Operating Characteristics
T =25 C, V =5V, unless otherwise noted
A
DD
°
.
4. THD+N VS Frequency
3. THD+N VS Frequency
2. THD+N VS Output Power
1. THD+N VS Output Power
5. Frequency Response
6. Frequency VS Supply Voltage
R =8
L
Ω
Vin=4.2V
Vin=3.6V
Vin=5V
R =4
L
Ω
0.007
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R =8
L
Ω
Po=0.3W
Po=0.5W
Po=1W
0.01
10
0.02
0.05
0. 1
0. 2
0. 5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R =4
L
Ω
Po=0.3W
Po=0.5W
Po=1W
Cin=0.1uF
Cin=0.47uF
Cin=1uF
235
237
239
241
243
245
247
249
251
253
255
2.0
3.0
4.0
5.0
6.0
Supply Voltage(V)
Vin=4.2V
Vin=3.6V
Vin=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com