Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8012 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8012
Description  Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8012 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8012 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PAM8012
Mono 2.0W Anti-saturation Class D
Audio Power Amplifier with Power Limit
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
06/2012 Rev1.3
Notes
1. The AP AUX-0025 low pass filter is necessary for class-D amplifier measurement with AP analyzer.
2. Two 33µH inductors are used in series with load resistor to emulate the small speaker for efficiency
measurement.
Test Setup for Performance Testing
AP System One
Generator
PAM8012 Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System Two
Analyzer
GND
-OUT
VDD
Power Supply
Anti-saturation
The Anti-saturation feature provides continuous automatic gain adjustment to the amplifiier through an
internal circuit. This feature enhances the perceived audio loudness and at the same time prevents
speaker damage from occurring.
Table 1. PAM8012 Anti-saturation Variable Description
VARIABLE
DE SCRIP TI ON
V alue
Gain
The pre-set gain of the device when the Anti-saturation is inactive.
The fixed gain is also the initial gain when the device c omes out of
shutdown mode or when the Anti-s aturation is disabled
18dB
(Max imum)
Attack Time
The minimum time between two gain dec rements .
128uS
Release Time
The minimum time between two gain increments.
256mS
The Anti-saturation works by detecting the output. The gain changes depending on the supply voltage ,
and the attack and release time. The gain changes constantly as the audio signal increases and/or
decreases. The gain step size for the
is 0.4 dB. If the audio signal has near-constant
amplitude, the gain does not change. Table 1 shows the Anti-saturation variable description.
Anti-saturation
PL Terminal Function
able 2
The voltage value of PL sets the PAM8012 maximum output by an external resistor. Refer to t
for
anti-saturation and power limit selection.
Table 2. PAM8012 Anti-saturation and Power Limit Variable Description
Application Information
0
30K<Rpl<120K
Open
VDD
PL: OFF
Anti-sat: OFF
PL: ON
Anti-sat: ON
PL: OFF
Anti-sat: ON
VDD/2
PL: OFF
Anti-sat: OFF
PL: ON
Anti-sat: OFF
PL: ON
Anti-sat: OFF
EN
Rpl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com