Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8012 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8012
Description  Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8012 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8012 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Key Features
Applications
1.0 W/2.0W@<1% THD Output with a 8
4
Load at 5V Supply
Maximum Output Power Can Be Set by One
External Resistor
Minimized ON/OFF Pop Noise
Superior Low Noise
High PSRR
Supply Voltage from 2.5V to 5.5 V
Auto Recovering Short Circuit Protection
Over Temperature Protection
9 Ball, 1.3mm x 1.3mm, 0.4mm Pitch WCSP and
eMSOP10 Packages
Wireless or Cellular Handsets and PDAs
Portable Navigation Devices
General Portable Audio Devices
The PAM8012 features anti-saturation function
which detect output signal clip due to the over
input level and keep the output non-saturation
automatically to get the excellent sound quality.
The maximum output power without clip can be set
by one resistor at PL pin that to prevent the
speaker to be damaged..
Ω / Ω
n
n
n
General Description
The PAM8012 is a 2.0W mono filterless class-D
amplifier with high PSRR and differential input that
reduce noise.
Features like 90% efficiency and small PCB area
make the PAM8012 Class-D amplifier ideal for
ce llular ha ndse ts. The filterless architecture
requires no external output filter, fewer
external
components, less PCB area and lower system
costs, and simplifies application design.
The PAM8012 features short circuit protection and
over temperature protection.
The PAM8012 is available in tin y WCSP9 (1.3mm
x 1.3mm) and eMSOP10 packages.
n
n
n
n
n
n
n
n
n
Typical Application Circuit
PAM8012
Mono 2.0W Anti-saturation Class D
Audio Power Amplifier with Power Limit
1
,
Power Analog Microelectronics Inc
www.poweranalog.com
06/2012 Rev1.3
OUT-
OUT+
VDD
0.1 F
μ
Input
GND
IN+
PAM8012
IN-
EN
OFF
1 F
μ
PL
VDD
RPL
ON
0.1 F
μ
1 F
μ
VREF
10 F
μ
1 F
μ


Similar Part No. - PAM8012

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8012 DIODES-PAM8012 Datasheet
450Kb / 14P
MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
Rev 1
PAM8012AZN DIODES-PAM8012AZN Datasheet
450Kb / 14P
MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
Rev 1
PAM8012BSM DIODES-PAM8012BSM Datasheet
450Kb / 14P
MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
Rev 1
More results

Similar Description - PAM8012

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
PAM8620 PAM-PAM8620 Datasheet
463Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Anpec Electronics Corop...
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
Mono, Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
3.3W Mono Class-D Audio Power Amplifier
EUA2069 EUTECH-EUA2069 Datasheet
147Kb / 1P
2W High Efficiency Mono Class-D Audio Power Amplifier with Non-Clip, Power Limit
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
PAM8012 DIODES-PAM8012 Datasheet
450Kb / 14P
MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
Rev 1
PAM8620 DIODES-PAM8620 Datasheet
309Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com