Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8012 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8012
Description  Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8012 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8012 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
,
Power Analog Microelectronics Inc
www.poweranalog.com
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage, VDD...................................6.0V
Input Voltage,IN+,IN-...............-0.3V to VDD+0.3V
Storage Temperature.....................-65°C to 150
Soldering Temperature....................
Minimum load resistance, R ......................3.2
°C
260°C,10 sec
L
Ω
Maximum Junction Temperature..................150°C
Recommended Operating Conditions
Supply voltage Range........................
Ambient Temperature Range............-40
to 85
Junction Temperature Range.........
2.5V to 5.5V
°C
°C
-40°C to 125°C
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
WCSP9 1.3x1.3
100
Thermal Resistance (Junction to ambient)
θ
JA
eMSOP10
60
°C/W
WCSP9 1.3x1.3
40
Thermal Resistance (Junction to case)
θJC
eMSOP10
30
°C/W
PAM8012
Mono 2.0W Anti-saturation Class D
Audio Power Amplifier with Power Limit
06/2012 Rev1.3
Top View
eMSOP10
X: Internal Code
Y: Year
W: Week
1
2
3
4
7
8
9
10
PGND
OUT-
PL
IN-
IN+
OUT+
VDD
EN
VREF
AGND
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com