Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8012 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8012
Description  Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8012 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8012 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PAM8012
Mono 2.0W Anti-saturation Class D
Audio Power Amplifier with Power Limit
6
,
Power Analog Microelectronics Inc
www.poweranalog.com
06/2012 Rev1.3
Typical Operating Characteristics
T =25 C, V =5V, unless otherwise noted
A
DD
°
.
10. PSRR VS Frequency
9. PSRR VS Frequency
8. Efficiency VS Output Power
7. Efficiency VS Output Power
11. Rdson VS Load Current
12. R
VS Output Power
PL
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1. 5
2
Out put P ower(W)
R =8
L
Ω
0
10
20
30
40
50
60
70
80
90
100
0
0. 5
1
1. 5
2
2. 5
3
3. 5
Ou tp ut P ower(W )
R =4
L
Ω
0
50
100
150
200
250
300
0
500
1000
1500
2000
Load Current(mA)
PMOS(m
Ω)
NMOS(m
Ω)
- 100
+ 0
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
d
B
20
20 k
50
100
200
500
1 k
2 k
5 k
10 k
Hz
T
T T
T
R =4
L
Ω
- 100
+ 0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20 k
50
100
200
500
1 k
2 k
5 k
10k
Hz
T
T T
T
T
T T
T T
T T
T
T
T
T
T
T T
T
T
R =8
L
Ω
0
0. 2
0. 4
0. 6
0. 8
1
1. 2
0
20
40
60
80
100
120
140
RPL(k
Ω)
Vin=4.2V
R =8
L
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com