Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8012 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM8012
Description  Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8012 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM8012 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
Outline Dimensions
WCSP9
SIDE IEW
V
0 42
.
0 34
.
0 30
.
0 24
.
SEATING PLANE
0 72MAX
.
0 300
.
9 X
A
B
C
1
2
3
BOTTOM VIEW
0 80
.
0 40
.
0.80
0 40
.
0 200
.
TOP VIEW
PIN A1 CORNER
1 24
.
1 32
.
1 24
.
1 32
.
WCSP9
9 Ball Wafer Level Chip Scale Package
-
Unit Millimeter
:
PAM8012
Mono 2.0W Anti-saturation Class D
Audio Power Amplifier with Power Limit
06/2012 Rev1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com