Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8012 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8012
Description  Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8012 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8012 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Electrical Characteristic
T =25 C,
A
° VDD=5.0V, R =8 , unless otherwise noted
L
.
Ω
,
Power Analog Microelectronics Inc
www.poweranalog.com
Symbol
Pa ra me te r
MIM
TYP
MAX
UNIT
VDD
Supply V oltage
2.5
5.5
V
RPL=110K
Ω,f=1kHz, R=4Ω
VDD=5.0V
2.0
W
RPL=110K
Ω,f=1kHz, R=8Ω
VDD=5.0V
1.0
VDD=5.0V ,P o=2.0W,R=4
Ω
0.08
VDD=3.6V ,P o=1.0W,R=4
Ω
0.08
VDD=5.0V ,P o=1.0W,R=8
Ω
0.08
VDD=3.6V ,P o=0.5W,R=8
Ω
0.08
VDD=5.0V
-75
VDD=3.6V
-75
VDD=5.0V
95
VDD=3.6V
95
No A-weighting
60
A -wei ghting
40
RL=8Ω
90
RL=4Ω
87
IQ
Quiescent Current
VEN=5.0V,VDD=5.0V,PL=0V
No Load
4.2
mA
Isd
Shutdown Current
VDD=2.5V to 5.5V ,V EN=0V
No Load
1
uA
|VOS|
Offset Voltage
-20
20
mV
RIN
Input Resistor
31
K
Ω
GV
Closed Loop Gain
18
dB
fSW
Switching Frequency
250
K Hz
TON
Turn-on Time
45
mS
OTP
Over Temperature P rotecti on
VDD=5V
No Load
150
℃
OTH
Over Temperature Hysterisis
VDD=5V
No Load
40
℃
VENH
High-level EN voltage
1.4
V
VENL
Low-level EN voltage
0.4
V
AR
Maximum Attenuation Range
26
dB
Po
THD+N
Output Power
Peak E fficiency
SNR
PSRR
AC Power Supply Ripple
Rejection
Vn
Total Harmonic Distortion Plus
Noise
η
%
Test Conditions
f=1kHz
f=1kHz
f=217Hz, Inputs ac-grounded
with Cin=0.1µF
%
f=1kHz
%
Anti-saturation Active,from +18dB to -8dB
VDD=5V
VDD=5V
VDD=5V
VDD=5V
VDD=5V
VDD=5V
VDD=5V
Output Noise
µV
Cin=0.1uF, Inputs ac-
grounded
THD=1% , f=1KHz
Signal to Noise Ratio
dB
PAM8012
Mono 2.0W Anti-saturation Class D
Audio Power Amplifier with Power Limit
06/2012 Rev1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com