Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8012 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM8012
Description  Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8012 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM8012 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PAM8012
Mono 2.0W Anti-saturation Class D
Audio Power Amplifier with Power Limit
9
,
Power Analog Microelectronics Inc
www.poweranalog.com
06/2012 Rev1.3
Over Temperature Protection (OTP)
POP and Click Circuitry
PCB Layout Guidelines
Grounding
Power Supply Line
Components Placement
Thermal protection on the PAM8012 prevents the
device from damage when the internal die
temperature exceeds 150°C. There is a 15
tolerance on this trip point from device to device.
Once the die temperature exceeds the set point,
the device will enter the shutdown state and the
outputs are disabled. This is not a latched fault.
T h e
t h e r m a l
f a u l t
i s
c l e a r e d
o n c e
t h e
temperature of the die decreased by 40
. This
large hysteresis will prevent motor boating sound
well and the device begins normal operation at
this point with no external system interaction.
The PAM8012 contains circuitry to minimize turn-
on and turn-off transients or “click and pops”,
where turn-on refers to either power supply turn-
on or device recover from shutdown mode. When
the device is turned on, the amplifiers are
internally muted. An internal current source
ramps up the
reference voltage. The
device will remain in mute mode until the
reference voltage reach half supply voltage, 1/2
VDD. As soon as the reference voltage is stable,
the device will begin full operation. For the best
power-off pop performance, the amplifier should
be set in shutdown mode prior to removing the
power supply voltage.
It is recommended to use plane grounding. Noise
currents in the output power stage need to be
returned to output noise ground and nowhere
else. When these currents circulate elsewhere,
they may get into the power supply, or the signal
ground, etc, even worse, they may form a loop
and radiate noise. Any of these instances results
in degraded amplifier performance. The output
noise ground that the logical returns for the
output noise currents
with class D
switching must tie to system ground at the power
exclusively. Signal currents for the inputs,
reference need to be returned to quite ground.
This ground only ties to the signal components
and the GND pin. GND then ties to system
ground.
It is recommended that all the trace could be
routed as short and thick as possible. For the
power line layout, just imagine water stream, any
barricade placed in the trace (shown in figure 2)
could result in the bad performance of the
amplifier.
Figure 2: Power Line
Decoupling capacitors as previously described,
the high-frequency 1 F decoupling capacitors
should be placed as close to the power supply
terminals
as possible. Large
bulk power
supply decoupling capacitors
should be placed near the PAM8012 on the VDD
terminal.
Input resistors and capacitors need to be placed
very close to input pins.
μ
°C
°C
internal
associated
VDD
(10 F or greater)
μ
Output filter - The ferrite EMI filter should be
placed as close to the output terminals as
possible for the best EMI performance, and the
capacitors used in the filters should be grounded
to system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com